Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7583 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM7583
Description  pie/4 Shift QPSK MODEM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7583 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM7583 Datasheet HTML 9Page - OKI electronic componets MSM7583 Datasheet HTML 10Page - OKI electronic componets MSM7583 Datasheet HTML 11Page - OKI electronic componets MSM7583 Datasheet HTML 12Page - OKI electronic componets MSM7583 Datasheet HTML 13Page - OKI electronic componets MSM7583 Datasheet HTML 14Page - OKI electronic componets MSM7583 Datasheet HTML 15Page - OKI electronic componets MSM7583 Datasheet HTML 16Page - OKI electronic componets MSM7583 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
MSM7583
¡ Semiconductor
13/23
Analog Interface Characteristics
Parameter
Output Resistance Load
Output Capacitance Load
Output DC Voltage Level
Output AC Voltage Level
Symbol
RLIQ
CLIQ
VDC1
VAC
Condtion
Min.
10
—
1.55
340
Typ.
—
—
1.6
360
Max.
—
20
380
Unit
kW
pF
V
mVPP
I+, I–, Q+, Q–, ENV
I+, I–, Q+, Q–, ENV
I+, I–, Q+, Q– (TXW = 0)
I+, I–, Q+, Q–
(TXW = 0 continuous input)
(VDD = 4.5 V to 5.5 V, Ta = –25°C to +70°C)
VDC2
—
1.77
V
I+ (CR0 – B5 = 1)
when not modulated
VDC3
—
1.67
V
Q+ (CR0 – B5 = 1)
when not modulated
VDC4
—
1.35
V
ENV (TXW = 0)
VDC5
—
1.72
V
ENV (TXW = 1, CR0 – B2 = 0, TXD = 0)
VDC6
—
1.63
V
ENV (TXW = 1, CR0 – B2 = 1, TXD = 0)
Output DC Voltage Adjustment Level Range
DCVL
—
±45
—
mV
—
Output AC Voltage Adjustment Level Range
ACVL
—
±4
—
%
—
Out-of-band Spectrum
P600
60
—
—
dB
600 kHz detuning (*)
P900
65
—
—
dB
900 kHz detuning (*)
Modulation Accuracy
EVM
—
1.0
3.0
% rms
—
Demodulator IF Input Level
IFV
0.5
—
VDD
VPP
IFIN input level
IFIN Input Impedance
RIF
—
20
—
kW
—
CIF
—
5
—
pF
—
SG Output Voltage
VSG
—
2.0
—
V
—
SG Output Impedance
RSG
—
2
—
kW
—
1.65
—
—
—
—
—
Offset Voltage Difference
VOFF
–20
—
+20
mV
Difference among
I+, I–, Q+, and Q–
SG warm-up Time
TSG
—
400
—
ms
Modulator D/A
Conversion Sampling Frequency
FSDA
—
1.92
—
MHz
—
SG´AGND 0.1 mF
(Rise Time to 90% of max.
level.)
Modulator D/A
Conversion Offset Frequency
FCDA
—
380
—
kHz
—
* Power attenuation at 600 kHz or 900 kHz
±96 kHz as referred to two times of the power in
frequency band of 0 to 96 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com