Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBF9046BC Datasheet (PDF) - OKI electronic componets

MBF9046BC Datasheet PDF - OKI electronic componets
Part # MBF9046BC
Download  MBF9046BC Download
File Size   145.01 Kbytes
Page   11 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description SAW Antenna Duplexer (700 to 1000 MHz)

MBF9046BC Datasheet (PDF)

Go To PDF Page Download Datasheet
MBF9046BC Datasheet PDF - OKI electronic componets

Part # MBF9046BC
Download  MBF9046BC Click to download

File Size   145.01 Kbytes
Page   11 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description SAW Antenna Duplexer (700 to 1000 MHz)

MBF9046BC Datasheet (HTML) - OKI electronic componets


MBF9046BC Product details

GENERAL DESCRIPTION
The MBF9046BC is the SAW antenna duplexer for the frequency range of 700 to 1000 MHz.
This SAW Duplexer integrates RF filters at Tx and Rx side, and matching circuit into PKG. This helps to save the space and weight greatly in the target application such as mobile telephone.
This SAW Duplexer has very low insertion loss by using high quality package.
Due to high harmonics characteristics, total number of components at RF circuit can be minimized.
Thanks to high isolation performance, high sensitivity can be expected. Low insertion loss at Tx saves the power consumption of mobile telephone which prolong the battery life.

FEATURES
• Complying Standard AMPS, IS-95, IS-136
• Small package: 5mm x 5mm & less than 1.85 mm in height
• PKG I/O Impedance: 50 Ω




Similar Part No. - MBF9046BC

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MBF9041BB OKI-MBF9041BB Datasheet
84Kb / 11P
SAW Antenna Duplexer (700 to 1000 MHz)
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
SAW Antenna Duplexer (700 to 1000 MHz)
More results


Similar Description - MBF9046BC

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
SAW Duplexer (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
SAW Filter (700 to 1000 MHz)
logo
Mini-Circuits
JSPHS-1000 MINI-JSPHS-1000 Datasheet
73Kb / 1P
180짰Voltage Variable, 700 to 1000 MHz
logo
OKI electronic componet...
MBF9041BB OKI-MBF9041BB Datasheet
84Kb / 11P
SAW Antenna Duplexer (700 to 1000 MHz)
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
SAW Antenna Duplexer (700 to 1000 MHz)
logo
Analog Devices
ADL5605 AD-ADL5605 Datasheet
500Kb / 20P
700 MHz to 1000 MHz
REV. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com