Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSPHS-1000 Datasheet (PDF) - Mini-Circuits

JSPHS-1000 Datasheet PDF - Mini-Circuits
Part # JSPHS-1000
Download  JSPHS-1000 Download
File Size   73.87 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 180짰Voltage Variable, 700 to 1000 MHz

JSPHS-1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
JSPHS-1000 Datasheet PDF - Mini-Circuits

Part # JSPHS-1000
Download  JSPHS-1000 Click to download

File Size   73.87 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 180짰Voltage Variable, 700 to 1000 MHz

JSPHS-1000 Datasheet (HTML) - Mini-Circuits


JSPHS-1000 Product details

Features

• good VSWR, 1.2:1 typ.

• low insertion loss, 1.2 dB typ.

• solder-plated J-leads for excellent solderability and strain relief



Applications

• cellular



 




Similar Part No. - JSPHS-1000

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JSPHS-12 MINI-JSPHS-12 Datasheet
72Kb / 1P
Phase Shifter
JSPHS-150 MINI-JSPHS-150 Datasheet
185Kb / 1P
Narrow Band Phase Shifter 50ohm 180 Voltage Variable 100 to 150 MHz
JSPHS-150 MINI-JSPHS-150 Datasheet
165Kb / 1P
Phase Shifter
JSPHS-150+ MINI-JSPHS-150+ Datasheet
165Kb / 1P
Phase Shifter
More results


Similar Description - JSPHS-1000

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
SAW Duplexer (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
SAW Filter (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
SAW Antenna Duplexer (700 to 1000 MHz)
logo
Analog Devices
AD8340 AD-AD8340 Datasheet
536Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
6/04-Revision 0
ADL5605 AD-ADL5605 Datasheet
500Kb / 20P
700 MHz to 1000 MHz
REV. 0
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
REV. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com