Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7033 Datasheet (PDF) - OKI electronic componets

ML7033 Datasheet PDF - OKI electronic componets
Part # ML7033
Download  ML7033 Download
File Size   445.62 Kbytes
Page   51 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Dual-Channel Line Card CODEC

ML7033 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML7033 Datasheet PDF - OKI electronic componets

Part # ML7033
Download  ML7033 Click to download

File Size   445.62 Kbytes
Page   51 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Dual-Channel Line Card CODEC

ML7033 Datasheet (HTML) - OKI electronic componets


ML7033 Product details

GENERAL DESCRIPTION
The ML7033 is a 2-channel PCM CODEC CMOS IC designed for Central Office (CO) and Customer Premise Equipment (CPE) environments. The ML7033 device contains 2-channel analog-to-digital (A/D) and digital-to-analog (D/A) converters with multiplexed PCM input and output. The ML7033 is designed for single-rail, low power applications. The high integration of the ML7033 reduces the number of external components and overall board size. The ML7033 is best suited for line card applications and provides an easy interface to subscriber line interface circuits (SLIC’s), in particular the Intersil RSLICTM series.

FEATURES
• Seamlessly interfaces with Intersil RSLICTM series devices
• Single 5 volt power supply (4.75 V to 5.25 V)
• ∆-Σ ADC and DAC
• PCM format: µ-law/A-law (ITU-T G.711 compliant), 14-bit linear (2’s complement)
• Optional wideband filter for V.90 data modem applications
• Low power consumption
    - 2-channel operating mode: 115 mW (typical) 180 mW (max)
    - 1-channel operating mode: 80 mW (typical) 115 mW (max)
    - Power-down mode: 0.1 mW (typical) 0.25 mW (max); PDN pin = logic “0”
• Power-on reset
• Dual programmable tone generators (300 Hz to 3400 Hz; 10 Hz intervals; 0.1 dB intervals)
    - Call progress tone, DTMF tone
• Ringing tone generator (15 Hz to 50 Hz; 1Hz intervals; 0.1 dB intervals)
• Pulse metering tone generator (12 kHz, 16 kHz; gain level selectable)
• Call ID tone generator (ITU-T V.23, Bell 202)
• Analog and digital loop back test modes
• Time-slot assignment
• Serial MCU interface
• Master clock: 2.048 MHz/4.096 MHz selectable
• Serial PCM transmission data rate: 256 kbps to 4096 kbps
• Adjustable transmit/receive gain (1 dB intervals)
• Built-in reference voltage generator
• Differential or single-ended analog output selectable
• Package: 64-pin plastic QFP (QFP64-P-1414-0.80-BK) (Ordering Part number: ML7033GA)




Similar Part No. - ML7033

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML7033 LAPIS-ML7033 Datasheet
317Kb / 52P
Dual-Channel Line Card CODEC
logo
List of Unclassifed Man...
ML7033-01 ETC2-ML7033-01 Datasheet
317Kb / 52P
Dual-Channel Line Card CODEC
More results


Similar Description - ML7033

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD535C-I TI-TLC320AD535C-I Datasheet
205Kb / 43P
DUAL CHANNEL VOICE/DATA CODEC
TLV320AIC22 TI-TLV320AIC22 Datasheet
762Kb / 54P
DUAL VOIP CODEC
logo
Asahi Kasei Microsystem...
AK2303LV AKM-AK2303LV Datasheet
559Kb / 41P
Dual PCM CODEC for PBX Analog Line Card
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
OKI electronic componet...
ML7022 OKI-ML7022 Datasheet
122Kb / 20P
Single Rail Dual Channel PCM CODEC
logo
Zarlink Semiconductor I...
ZL38004 ZARLINK-ZL38004 Datasheet
234Kb / 7P
Dedicated Voice Processor with Dual Channel Codec
logo
Texas Instruments
TLV320AIC22 TI-TLV320AIC22_06 Datasheet
769Kb / 55P
DUAL VOIP CODEC
logo
List of Unclassifed Man...
ML7033-01 ETC2-ML7033-01 Datasheet
317Kb / 52P
Dual-Channel Line Card CODEC
logo
Texas Instruments
TLC320AD535C-I TI1-TLC320AD535C-I_16 Datasheet
203Kb / 42P
DUAL CHANNEL VOICE/DATA CODEC
logo
LAPIS Semiconductor Co....
ML7033 LAPIS-ML7033 Datasheet
317Kb / 52P
Dual-Channel Line Card CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com