Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7022 Datasheet (PDF) - OKI electronic componets

ML7022 Datasheet PDF - OKI electronic componets
Part # ML7022
Download  ML7022 Download
File Size   122.84 Kbytes
Page   20 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Rail Dual Channel PCM CODEC

ML7022 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML7022 Datasheet PDF - OKI electronic componets

Part # ML7022
Download  ML7022 Click to download

File Size   122.84 Kbytes
Page   20 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Rail Dual Channel PCM CODEC

ML7022 Datasheet (HTML) - OKI electronic componets


ML7022 Product details

GENERAL DESCRIPTION
The ML7022 is a two-channel single-rail CODEC CMOS IC for voice signals ranging from 300 to 3400Hz. This device contains two-channel analog-to-digital (A/D) and digital-to-analog (D/A) converters on a single chip. The ML7022 is designed especially for a single power supply and low power applications and achieves a reduced footprint.

FEATURES
• Single 5 V Power Supply Operation
• Using ∆-Σ ADC and DAC Technique
• Low Power Consumption
    2-Channel Operating Mode: typical: 70 mW max.: 90 mW
    1-Channel Operating Mode: typical: 40 mW max.: 55 mW
    Power Saving Mode: (CPD1 = CPD2 = “0”) typical: 9 mW max.: 12.5 mW
    Power Down Mode: (PDN = “0”) typical: 0.05 mW max.: 0.25 mW
• ITU-T Companding Law - µ-law
• Built-in Dual 3-bit Latches with CMOS Drive Capability
• Serial PCM Interface
• Master Clock: 4.096 MHz
• Transmission Clocks:
    256 to 4096 kbps
• Adjustable Transmit Gain
• Built-in Reference Voltage Supply
• Analog Output can Directly Drive a 600Ω Line Transformer
• Latched Content Echo-back Function
• Package Type:
    30-pin plastic SSOP (SSOP30-P-56-0.65-K) (Product name: ML7022-01MB)




Similar Part No. - ML7022

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7020 OKI-ML7020 Datasheet
125Kb / 19P
1200 bps MODEM for Remote Control Systems
ML7021 OKI-ML7021 Datasheet
244Kb / 24P
Echo Canceler
ML7029 OKI-ML7029 Datasheet
163Kb / 29P
Multifunction ADPCM CODEC
logo
List of Unclassifed Man...
ML7029 ETC2-ML7029 Datasheet
366Kb / 29P
Multifunction ADPCM CODEC
logo
LAPIS Semiconductor Co....
ML7029 LAPIS-ML7029 Datasheet
362Kb / 29P
Multifunction ADPCM CODEC
More results


Similar Description - ML7022

ManufacturerPart #DatasheetDescription
logo
NEC
UPD9611 NEC-UPD9611 Datasheet
161Kb / 28P
FOUR-CHANNEL PCM CODEC
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
Single Rail CODEC
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
PCM CODEC
logo
Asahi Kasei Microsystem...
AK2301A AKM-AK2301A Datasheet
158Kb / 20P
3.3V Single channel PCM CODEC LSI
logo
OKI electronic componet...
ML7048 OKI-ML7048 Datasheet
138Kb / 20P
3-Channel Single Rail CODEC
logo
Asahi Kasei Microsystem...
AK2300 AKM-AK2300 Datasheet
224Kb / 19P
3.3V Single channel PCM CODEC LSI
logo
Texas Instruments
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
PCM CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com