Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7021 Datasheet (PDF) - OKI electronic componets

ML7021 Datasheet PDF - OKI electronic componets
Part # ML7021
Download  ML7021 Download
File Size   244.68 Kbytes
Page   24 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Echo Canceler

ML7021 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML7021 Datasheet PDF - OKI electronic componets

Part # ML7021
Download  ML7021 Click to download

File Size   244.68 Kbytes
Page   24 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Echo Canceler

ML7021 Datasheet (HTML) - OKI electronic componets


ML7021 Product details

GENERAL DESCRIPTION

The ML7021 is an improved version of the MSM7602 with the reduced cancelable echo delay time and additional 2100Hz tone detection function.

The ML7021 is a low-power CMOS device for canceling echo (in an acoustic system or telephone line) generated in a speech path.



FEATURES

• Tone disable function

• Cancelable echo delay time:

   For a single chip: 8 ms (max.)

• Echo attenuation : 30 dB (typ.)

• Clock frequency : 19.2 MHz

                          External input and internal oscillator circuit are provided.

• Power supply voltage : 2.7 V to 5.5 V

• Package:

   28-pin plastic SSOP (SSOP28-P-485-0.65-K) (Product name : ML7021MB)




Similar Part No. - ML7021

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7020 OKI-ML7020 Datasheet
125Kb / 19P
1200 bps MODEM for Remote Control Systems
ML7022 OKI-ML7022 Datasheet
122Kb / 20P
Single Rail Dual Channel PCM CODEC
ML7022-01MB OKI-ML7022-01MB Datasheet
122Kb / 20P
Single Rail Dual Channel PCM CODEC
ML7029 OKI-ML7029 Datasheet
163Kb / 29P
Multifunction ADPCM CODEC
logo
List of Unclassifed Man...
ML7029 ETC2-ML7029 Datasheet
366Kb / 29P
Multifunction ADPCM CODEC
More results


Similar Description - ML7021

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
Echo Canceler
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
Echo Canceler
MSM7617 OKI-MSM7617 Datasheet
271Kb / 29P
2-Channel Echo Canceler
MSM7718-01 OKI-MSM7718-01 Datasheet
231Kb / 38P
Echo Canceler with ADPCM CODEC
MSM7731-02 OKI-MSM7731-02 Datasheet
391Kb / 53P
Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
MSM7620 OKI-MSM7620 Datasheet
225Kb / 28P
Echo Canceler
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
Echo Canceler with ADPCM Transcoder
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
2-Channel Echo Canceler with Multifunction ADPCM Transcoder
logo
LAPIS Semiconductor Co....
ML7037-003 LAPIS-ML7037-003 Datasheet
853Kb / 87P
Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
ML7202-001 LAPIS-ML7202-001 Datasheet
635Kb / 65P
2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com