Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7021 Datasheet(PDF) 9 Page - OKI electronic componets

Part # ML7021
Description  Echo Canceler
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7021 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button ML7021 Datasheet HTML 5Page - OKI electronic componets ML7021 Datasheet HTML 6Page - OKI electronic componets ML7021 Datasheet HTML 7Page - OKI electronic componets ML7021 Datasheet HTML 8Page - OKI electronic componets ML7021 Datasheet HTML 9Page - OKI electronic componets ML7021 Datasheet HTML 10Page - OKI electronic componets ML7021 Datasheet HTML 11Page - OKI electronic componets ML7021 Datasheet HTML 12Page - OKI electronic componets ML7021 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
¡ Semiconductor
ML7021
Condition
Min.
Typ.
Max.
Unit
Parameter
Symbol
Output Load Capacitance
Input Capacitance
Power Supply Current (Stand-by)
Power Supply Current (Operating)
IDDO
IDDS
CI
CLOAD
—
—
—
PWDWN = "L"
—
—
—
—
30
—
—
10
45
15
20
50
mA
pF
pF
mA
(VDD = 4.5 V to 5.5 V, Ta = –40˚C to +85˚C)
High Level Output Voltage
Low Level Output Voltage
High Level Input Current
Low Level Input Current
High Level Output Leakage Current
IOZL
Low Level Output Leakage Current
VOL = VSS
–10
–0.1
—
mA
IOZH
IIL
IIH
VOL
VOH
VOH = VDD
VIL = VSS
VIH = VDD
IOL = 1.6 mA
IOH = 40 mA
4.2
—
VDD
V
0
—
0.4
V
—
0.1
10
mA
–10
–0.1
—
mA
—
0.1
10
mA
Echo Canceler Characteristics (Refer to Characteristic Diagram)
Cancelable Echo Delay Time
Echo Attenuation
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
—30
—
dB
LRES
RIN = –10 dBm0
(5 kHz band white noise)
E. R. L. (echo return loss)
= 6 dB
TD = 8 ms
ATT, GC, NLP: OFF
TD
——
8
ms
RIN = –10 dBm0
(5 kHz band white noise)
E. R. L. = 6 dB
ATT, GC, NLP: OFF
Tone Disable Characteristics
Tone Detection
Parameter
Min.
Typ.
Max.
Unit
Detection Frequency
2075
2100
2125
Hz
Detection Level
–32
—
—
dBm0
Detection Time
380
—
—
ms
Detection Level
–32
dBm0
Release
——



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com