Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7021 Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML7021
Description  Echo Canceler
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7021 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML7021 Datasheet HTML 2Page - OKI electronic componets ML7021 Datasheet HTML 3Page - OKI electronic componets ML7021 Datasheet HTML 4Page - OKI electronic componets ML7021 Datasheet HTML 5Page - OKI electronic componets ML7021 Datasheet HTML 6Page - OKI electronic componets ML7021 Datasheet HTML 7Page - OKI electronic componets ML7021 Datasheet HTML 8Page - OKI electronic componets ML7021 Datasheet HTML 9Page - OKI electronic componets ML7021 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
¡ Semiconductor
ML7021
(3/4)
Pin
Symbol
Type
Description
11
SYNC
I
12
SOUT
O
13
ROUT
O
17
X1/CLKIN
I
18
X2
O
16
HD
I
Sync signal for transmit/receive serial data.
This pin uses the external SYNC or SYNCO.
Input the PCM CODEC transmit/receive sync signal (8 kHz).
Transmit serial data.
Outputs the PCM signal synchronized to SYNC and SCK.
This pin is in a high impedance state during no data output.
Receive serial data.
Outputs the PCM signal synchronized to SYNC and SCK.
This pin is in a high impedance state during no data output.
Controls the howling detect function. This pin detets and cancels a howling
generated during hand-free talking for acoustic system.
This function is used to cancel acoustic echoes.
• Single Chip or Master Chip in a Cascade Connection
"L": Howling detector ON
"H": Howling detector OFF
• Slave Chip in a Cascade Connection
Fixed at "L"
External input for the basic clock (17.5 to 20 MHz) or for the crystal
oscillator.
When the internal sync signal (SYNCO, SCKO) is used, input the basic
clock of 19.2 MHz.
Crystal oscillator output.
Used to configure the oscilation circuit.
Refer to the internal clock generator circuit example.
When inputting the basic clock externally, insert a 5 pF capacitor with
excellent high frequency characteristics between X2 and GND.
20
PWDWN
I
Power-down mode control when powered down.
"L": Power-down mode
"H": Normal operation mode
During power-down mode, all input pins are disabled and output pins are
in the following states :
High impedance : SOUT, ROUT
"L": SYNCO, SCKO, MCKO
"H": OF1, OF2, X2
Holds the last state : WDT, IRLD
Reset after the power-down mode is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com