Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7021 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML7021
Description  Echo Canceler
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7021 Datasheet(HTML) 1 Page - OKI electronic componets

  ML7021 Datasheet HTML 1Page - OKI electronic componets ML7021 Datasheet HTML 2Page - OKI electronic componets ML7021 Datasheet HTML 3Page - OKI electronic componets ML7021 Datasheet HTML 4Page - OKI electronic componets ML7021 Datasheet HTML 5Page - OKI electronic componets ML7021 Datasheet HTML 6Page - OKI electronic componets ML7021 Datasheet HTML 7Page - OKI electronic componets ML7021 Datasheet HTML 8Page - OKI electronic componets ML7021 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
OKI Semiconductor
FEDL7021-03
Issue Date: Jun. 1, 2005
ML7021
Echo Canceler
1
GENERAL DESCRIPTION
The ML7021 is an improved version of the MSM7602 with the reduced cancelable echo delay
time and additional 2100Hz tone detection function.
The ML7021 is a low-power CMOS device for canceling echo (in an acoustic system or telephone
line) generated in a speech path.
Echo is canceled, in digital signal processing, by estimating the echo path and generating a
pseudo echo signal.
The ML7021 makes possible a quality conversation by controlling the noise level and preventing
howling with howling detector, double talk detector, attenuation function, and a gain control
function. The devise also controls the low level noise with a center clipping function.
Further, the ML7021 I/O interface supports m-law PCM . The use of a single chip CODEC, such
as the MSM7566/7704 (3 V) or MSM7543/7533 (5 V), allows a simplified and efficient echo
canceler configuration.
FEATURES
• Tone disable function
• Cancelable echo delay time:
For a single chip: 8 ms (max.)
• Echo attenuation
: 30 dB (typ.)
• Clock frequency
: 19.2 MHz
External input and internal oscillator circuit are provided.
• Power supply voltage : 2.7 V to 5.5 V
• Package:
28-pin plastic SSOP
(SSOP28-P-485-0.65-K)
(Product name : ML7021MB)


Similar Part No. - ML7021

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7020 OKI-ML7020 Datasheet
125Kb / 19P
1200 bps MODEM for Remote Control Systems
ML7022 OKI-ML7022 Datasheet
122Kb / 20P
Single Rail Dual Channel PCM CODEC
ML7022-01MB OKI-ML7022-01MB Datasheet
122Kb / 20P
Single Rail Dual Channel PCM CODEC
ML7029 OKI-ML7029 Datasheet
163Kb / 29P
Multifunction ADPCM CODEC
logo
List of Unclassifed Man...
ML7029 ETC2-ML7029 Datasheet
366Kb / 29P
Multifunction ADPCM CODEC
More results

Similar Description - ML7021

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
Echo Canceler
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
Echo Canceler
MSM7617 OKI-MSM7617 Datasheet
271Kb / 29P
2-Channel Echo Canceler
MSM7718-01 OKI-MSM7718-01 Datasheet
231Kb / 38P
Echo Canceler with ADPCM CODEC
MSM7731-02 OKI-MSM7731-02 Datasheet
391Kb / 53P
Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
MSM7620 OKI-MSM7620 Datasheet
225Kb / 28P
Echo Canceler
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
Echo Canceler with ADPCM Transcoder
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
2-Channel Echo Canceler with Multifunction ADPCM Transcoder
logo
LAPIS Semiconductor Co....
ML7037-003 LAPIS-ML7037-003 Datasheet
853Kb / 87P
Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
ML7202-001 LAPIS-ML7202-001 Datasheet
635Kb / 65P
2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com