Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7021 Datasheet(PDF) 10 Page - OKI electronic componets

Part # ML7021
Description  Echo Canceler
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7021 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button ML7021 Datasheet HTML 6Page - OKI electronic componets ML7021 Datasheet HTML 7Page - OKI electronic componets ML7021 Datasheet HTML 8Page - OKI electronic componets ML7021 Datasheet HTML 9Page - OKI electronic componets ML7021 Datasheet HTML 10Page - OKI electronic componets ML7021 Datasheet HTML 11Page - OKI electronic componets ML7021 Datasheet HTML 12Page - OKI electronic componets ML7021 Datasheet HTML 13Page - OKI electronic componets ML7021 Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
1Semiconductor
ML7021
10
AC Characteristics
Parameter
Clock Frequency
When Internal Sync Signal is not used
Clock Cycle Time
When Internal Sync Signal is not used
Clock Duty Ratio
Clock High Level Pulse Width
fc = 19.2 MHz
Clock Low Level Pulse Width
fc = 19.2 MHz
Clock Rise Time
Clock Fall Time
Sync Clock Output Time
Internal Sync Clock Frequency
Internal Sync Clock Output Cycle Time
Internal Sync Clock Duty Ratio
Internal Sync Signal Output Delay Time
Internal Sync Signal Period
Internal Sync Signal Output Width
Transmit/receive Operation Clock Frequency
Transmit/receive Sync Clock Cycle Time
Transmit/receive Sync Clock Duty Ratio
Transmit/receive Sync Signal Period
Sync Timing
Sync Signal Width
Receive Signal Setup Time
Receive Data Input Time
IRLD Signal Output Delay Time
Serial Output Delay Time
Symbol
fC
tMCK
tDMC
tMCH
tMCL
tr
tf
tDCM
fCO
tCO
tDCO
tDCC
tCYO
tWSO
fSCK
tSCK
tDSC
tCYC
tXS
tSX
tWSY
tDS
tID
tDIC
tWIR
tSD
tXD
tWR
Min.
—
17.5
—
50
40
20.8
20.8
—
—
—
—
—
64
0.488
40
123
45
tSCK
—
—
1
Typ.
19.2
—
52.08
—
—
—
—
256
3.9
50
125
tCO
—
—
50
125
—
—
7tSCK
tSCK
—
Max.
—
20
—
57.14
60
31.3
31.3
—
—
—
—
—
2048
15.6
60
—
—
—
—
Min.
—
17.5
—
50
40
20.8
20.8
—
—
—
—
—
—
—
—
—
64
0.488
40
123
45
45
tSCK
45
—
—
—
—
—
1
Typ.
19.2
—
52.08
—
—
—
—
—
—
—
256
3.9
50
—
125
tCO
—
—
50
125
—
—
—
—
7tSCK
—
tSCK
—
—
—
Max.
—
20
—
57.14
60
31.3
31.3
5
5
30
—
—
—
5
—
—
2048
15.6
60
—
—
—
—
138
—
90
90
—
Unit
MHz
ns
ns
ns
ns
ns
ns
ns
kHz
ms
%
ns
ms
ms
kHz
ms
%
ms
ns
ns
ms
ns
ms
ns
ms
ns
ns
ms
VDD = 2.7 V to 3.6 V
VDD = 4.5 V to 5.5 V
(Ta = –40˚C to +85˚C)
Reset Start Time
tDRS
5—
—
ns
Reset End Time
tDRE
——52
ns
Processing Operation Start Time
tDIT
100
—
—
100
—
—
ms
IRLD Signal Output Width
Reset Signal Input Width
——30
——
5
——
5
——
5
45——
45——
—
—
138
—
5
—
—
90
—
—
—
—
—
90
52
Receive Signal Hold Time
tDH
45——
ns
45——
tCYC-tSCK
tCYC-tSCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com