Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7021 Datasheet(PDF) 20 Page - OKI electronic componets

Part # ML7021
Description  Echo Canceler
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7021 Datasheet(HTML) 20 Page - OKI electronic componets

Back Button ML7021 Datasheet HTML 16Page - OKI electronic componets ML7021 Datasheet HTML 17Page - OKI electronic componets ML7021 Datasheet HTML 18Page - OKI electronic componets ML7021 Datasheet HTML 19Page - OKI electronic componets ML7021 Datasheet HTML 20Page - OKI electronic componets ML7021 Datasheet HTML 21Page - OKI electronic componets ML7021 Datasheet HTML 22Page - OKI electronic componets ML7021 Datasheet HTML 23Page - OKI electronic componets ML7021 Datasheet HTML 24Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
¡ Semiconductor
ML7021
NOTES ON USE
1. Set echo return loss (ERL) to be attenuated. If the echo return loss is set to be
amplified, the echo can not be eliminated.
Refer to the characteristic diagram for ERL vs. echo attenuation quantity.
2. Set the level of the analog input so that the PCM CODEC does not overflow.
3. The recommended input level is –10 to –20 dBm0. Refer to the characteristic
diagram for the RIN input level vs. echo attenuation quantity.
4. Applying the tone signal to this echo canceler for long duration may decrease echo
attenuation.
When used with the HD pin "L" (howling detector ON), this echo canceler may
operate faultily if, while a signal is input to the RIN pin, a tone signal with a higher
level than the signal being input to RIN is input to the SIN pin.
A signal should therefore be input either to the RIN pin or to the SIN pin. If,
however, the tone signal is input to the SIN pin while a signal is input to the RIN
pin, the ADP, HD, or HCL pin must be set to "H".
5. For changes in the echo path (retransmit, circuit switching during transmission,
and so on), convergence may be difficult.
Perform a reset, to make it converge.
If the state of the echo path changes after a reset, convergence may again be
difficult.
In cases such as a change in the echo path, perform a reset each time.
6. When turning the power ON, set the PWDWN pin to "1" and input the basic clock
simultaneously with power ON.
If powering down immediately after power ON, be sure fast input 10 or more
clocks of the basic clock.
7. After powering ON, be sure to reset.
8. After the power down mode is released (when the PWDWN pin is changed from
"L" to "H"), be sure to reset the device.
9. If this canceler is used to cancel acoustic echoes, an echo attenuation may be less
than 30 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com