Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7021 Datasheet(PDF) 21 Page - OKI electronic componets

Part # ML7021
Description  Echo Canceler
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7021 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button ML7021 Datasheet HTML 16Page - OKI electronic componets ML7021 Datasheet HTML 17Page - OKI electronic componets ML7021 Datasheet HTML 18Page - OKI electronic componets ML7021 Datasheet HTML 19Page - OKI electronic componets ML7021 Datasheet HTML 20Page - OKI electronic componets ML7021 Datasheet HTML 21Page - OKI electronic componets ML7021 Datasheet HTML 22Page - OKI electronic componets ML7021 Datasheet HTML 23Page - OKI electronic componets ML7021 Datasheet HTML 24Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
¡ Semiconductor
ML7021
EXPLANATION OF TERMS
Attenuating Function :
This function prevents howling and controls the noise level with
the attenuator for the RIN input and SOUT output. Refer to the
explanation of pins (ATT pin).
Echo Attenuation :
If there is talking (input only to RIN) in the path of a rising echo
arises, the echo attenuation refers to the difference in the echo
return loss (canceled amount) when the echo canceler is not used
and when it is used.
Echo attenuation = (SOUT level during through mode operation)
– (SOUT level during echo canceler operation) [dB]
Echo Delay Time :
This is the time from when the signal is output from ROUT until
it returns to SIN as an echo.
Acoustic Echo :
When using a hands free phone, and so on, the signal output from
the speaker echoes and is input again to the microphone. The
return signal is referred to as acoustic echo.
Telephone Line Echo :
This is a signal which is delayed midway in a telephone line and
returns as an echo, due to reasons such as a hybrid impedance
mismatch.
Gain Control Function :
This function prevents howling and controls the sound level with
a gain controller for the RIN input. Refer to the explanation of pins
(GC pin).
Center Clipping Function : This function forces the SOUT output to a minimum value when
the signal is below –54 dBm0. Refer to the explanation of pins
(NLP pin).
Double Talk Detection :
Double talk refers to a state in which the SIN and RIN signals are
input simultaneously. In a double talk state, a signal outside the
echo signal which is to be canceled can be input to the SIN input,
resulting in misoperation.
The double talk detector prevents such misoperation of the canceler.
Howling Detection :
This is the oscillating state caused by the acoustic coupling between
the loud speaker and the microphone during hands free talking.
Howling not only interferes with talking, but can also cause in
misoperation of the echo canceler.
The howling detector prevents such misoperation and prevents
howling.
Echo Return Loss (ERL) :
When the signal output from ROUT returns to SIN as an echo, ERL
refers to how much loss there is in the signal level during ROUT.
ERL = (ROUT level) – (SIN level of the ROUT signal which returns
as an echo) [dB]
If ERL is positive (ROUT > SIN), the system is an attenuator
system.
If ERL is negative (ROUT < SIN), the system is an amplifier system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com