Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7021 Datasheet(PDF) 8 Page - OKI electronic componets

Part # ML7021
Description  Echo Canceler
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7021 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button ML7021 Datasheet HTML 4Page - OKI electronic componets ML7021 Datasheet HTML 5Page - OKI electronic componets ML7021 Datasheet HTML 6Page - OKI electronic componets ML7021 Datasheet HTML 7Page - OKI electronic componets ML7021 Datasheet HTML 8Page - OKI electronic componets ML7021 Datasheet HTML 9Page - OKI electronic componets ML7021 Datasheet HTML 10Page - OKI electronic componets ML7021 Datasheet HTML 11Page - OKI electronic componets ML7021 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
¡ Semiconductor
ML7021
ABSOLUTE MAXIMUM RATINGS
Parameter
Power Supply Voltage
Input Voltage
Power Dissipation
Storage Temperature
Symbol
VDD
VIN
PD
TSTG
Condition
Ta = 25˚C
—
Rating
–0.3 to +7
–0.3 to VDD + 0.3
1
–55 to +150
Unit
V
V
W
˚C
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VDD = 2.7 V to 3.6 V, Ta = –40˚C to +85˚C)
Parameter
Output Load Capacitance
Input Capacitance
Power Supply Current (Stand-by)
Power Supply Current (Operating)
CLOAD
CI
IDDS
IDDO
—
—
PWDWN = "L"
—
—
—
—
—
—
—
20
10
20
15
30
50
pF
pF
mA
mA
–1
–0.1
—
mA
Low Level Output Leakage Current
IOZL
VOL = VSS
High Level Output Voltage
Low Level Output Voltage
High Level Input Current
Low Level Input Current
High Level Output Leakage Current
Symbol
Condition
Min.
Typ.
Max.
Unit
—
0.1
1
mA
–1
–0.1
—
mA
—
0.1
1
mA
0
—
0.4
V
2.2
—
VDD
V
VOH
VOL
IIH
IIL
IOZH
IOH = 40 mA
IOL = 1.6 mA
VIH = VDD
VIL = VSS
VOH = VDD
Parameter
Power Supply Voltage
Power Supply Voltage
High Level Input Voltage
Low Level Input Voltage
Operating Temperature
Symbol
VDD
VSS
VIH
VIL
Ta
Condition
—
—
Pins other than X1
—
—
Min.
2.7
—
2.0
0
–40
Unit
V
V
V
V
˚C
Typ.
3.3
0
—
—
+25
Max.
3.6
—
VDD
0.5
+85
(VDD = 2.7 V to 3.6 V)
X1 pin
2.2
V
—VDD
Parameter
Power Supply Voltage
Power Supply Voltage
High Level Input Voltage
Low Level Input Voltage
Operating Temperature
Symbol
VDD
VSS
VIH
VIL
Ta
Condition
—
—
Pins other than X1, SCK
—
—
Min.
4.5
—
2.4
0
–40
Unit
V
V
V
V
˚C
Typ.
5
0
—
—
+25
Max.
5.5
—
VDD
0.8
+85
(VDD = 4.5 V to 5.5 V)
X1, SCK pins
3.5
V
—VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com