Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7021 Datasheet(PDF) 5 Page - OKI electronic componets

Part # ML7021
Description  Echo Canceler
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7021 Datasheet(HTML) 5 Page - OKI electronic componets

  ML7021 Datasheet HTML 1Page - OKI electronic componets ML7021 Datasheet HTML 2Page - OKI electronic componets ML7021 Datasheet HTML 3Page - OKI electronic componets ML7021 Datasheet HTML 4Page - OKI electronic componets ML7021 Datasheet HTML 5Page - OKI electronic componets ML7021 Datasheet HTML 6Page - OKI electronic componets ML7021 Datasheet HTML 7Page - OKI electronic componets ML7021 Datasheet HTML 8Page - OKI electronic componets ML7021 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
¡ Semiconductor
ML7021
(2/4)
Pin
Symbol
Type
Description
5
ATT
I
6
INT
I
7
IRLD
O
8
SIN
I
9
RIN
I
10
SCK
I
Control for the ATT function.
This pin prevents howling by attenuators (ATT) for the RIN input and SOUT
output.
If there is input only to RIN, the ATT for the SOUT output is activated.
If there is no input to SIN, or if there is input to both SIN and RIN, the ATT
for the RIN input is activated.
Either the ATT for the RIN output or the ATT for the SOUT is always
activated in all cases, and the attenuation of ATT is 6 dB.
• Single Chip or Master Chip in a Cascade Connection
"H": ATT OFF
"L": ATT ON
"L" is recommended if performing echo cancellation.
• Slave Chip in a Cascade Connection
Fixed at "L"
This input signal is loaded in synchronization with the falling edge of the
INT signal or the rising edge of the RST signal.
Interrupt signal which starts 1 cycle (8 kHz) of the signal processing.
Signal processing starts when "H"-to-"L" transition is detected.
• Single Chip or Master Chip in a Cascade Connection
Connect the IRLD pin.
• Slave Chip in a Cascade Connection
Connect the IRLD pin of the master chip.
INT input is invalid for 100 ms after reset due to initialization.
Refer to the control pin connection example.
Load detection signal output when the SIN and RIN serial input data is
loaded in the internal registers.
• Single Chip
Connect to the INT pin.
• Master Chip in a Cascade Connection
Connect to the INT pin of the master chip and all the slave chips.
• Slave Chip in a Cascade Connection
Leave open.
Refer to the control pin connection example.
Transmit serial data.
Input the PCM signal synchronized to SYNC and SCK. Data is read in at
the falling edge of SCK.
Receive serial data.
Input the PCM signal synchronized to SYNC and SCK. Data is read in at
the falling edge of SCK.
Clock input for transmit/receive serial data.
This pin uses the external SCK or the SCKO.
Input the PCM CODEC transmit/receive clock (64 to 2048 kHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com