Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7021 Datasheet(PDF) 17 Page - OKI electronic componets

Part # ML7021
Description  Echo Canceler
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7021 Datasheet(HTML) 17 Page - OKI electronic componets

Back Button ML7021 Datasheet HTML 13Page - OKI electronic componets ML7021 Datasheet HTML 14Page - OKI electronic componets ML7021 Datasheet HTML 15Page - OKI electronic componets ML7021 Datasheet HTML 16Page - OKI electronic componets ML7021 Datasheet HTML 17Page - OKI electronic componets ML7021 Datasheet HTML 18Page - OKI electronic componets ML7021 Datasheet HTML 19Page - OKI electronic componets ML7021 Datasheet HTML 20Page - OKI electronic componets ML7021 Datasheet HTML 21Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
¡ Semiconductor
ML7021
ECHO CANCELER CHARACTERISTIC DIAGRAM
0
10
20
30
40
40
30
20
10
0
ERL vs. echo attenuation
ERL [dB]
Measurement Conditions
RIN input = –10 dBm
5 kHz band white noise
(0 dBm = 2.2 dBm0)
Echo delay time TD = 8 ms
ATT, GC, NLP = OFF
Power supply voltage 5 V
0
10
20
30
40
–50 –40 –30 –20 –10
0
RIN input level vs. echo attenuation
RIN input level [dBm]
0 dBm = 2.2 dBm0
Measurement Conditions
RIN input: 5 kHz band white noise
Echo delay time TD = 8 ms
ERL = 6 dB
ATT, GC, NLP = OFF
Power supply voltage 5 V
Echo delay time vs. echo attenuation
Echo delay time [ms]
Measurement Conditions
RIN input = –10 dBm
5 kHz band white noise
(0 dBm = 2.2 dBm0)
ERL = 6 dB
ATT, GC, NLP = OFF
Power supply voltage 5 V
–10
08
24
6
10
0
10
20
30
40
Note:
The characteristics above are for the MSM7543 (VDD 5 V, m-law interface). The
MSM7566 (VDD 3 V, m-law interface) provides the same characleristics without input
and output levels. Refer to the PCM CODEC data sheet.
MSM7543
(for both transmit and receive)
0 dBm0 = 0.6007 Vrms = –2.2 dBm (600 W)
MSM7566
(for transmit side)
0 dBm0 = 0.35 Vrms = –6.9 dBm (600 W)
(for receive side)
0 dBm0 = 0.5 Vrms = –3.8 dBm (600 W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com