Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7021 Datasheet(PDF) 4 Page - OKI electronic componets

Part # ML7021
Description  Echo Canceler
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7021 Datasheet(HTML) 4 Page - OKI electronic componets

  ML7021 Datasheet HTML 1Page - OKI electronic componets ML7021 Datasheet HTML 2Page - OKI electronic componets ML7021 Datasheet HTML 3Page - OKI electronic componets ML7021 Datasheet HTML 4Page - OKI electronic componets ML7021 Datasheet HTML 5Page - OKI electronic componets ML7021 Datasheet HTML 6Page - OKI electronic componets ML7021 Datasheet HTML 7Page - OKI electronic componets ML7021 Datasheet HTML 8Page - OKI electronic componets ML7021 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
¡ Semiconductor
ML7021
PIN DESCRIPTIONS (1/4)
Pin
Symbol
Type
Description
1
NLP
I
2
HCL
I
3
ADP
I
Control pin for the center clipping function.
This pin forces the SOUT output to a minimum value when the SOUT
signal is below –54 dBm0. Effective for reducing low-level noise.
• Single Chip or Master Chip in a Cascade Connection
"H": Center clip ON
"L": Center clip OFF
• Slave Chip in a Cascade Connection
Fixed at "L"
This input signal is loaded in synchronization with the falling edge of the
INT signal or the rising edge of the RST signal.
Through mode control.
When this pin is in the through mode,
RIN and SIN data is output to ROUT and SOUT. At the same time, the
coefficient of the adaptive FIR filter is cleared.
• Single Chip or Master Chip in a Cascade Connection
"H": Through mode
"L": Normal mode (echo canceler operates)
• Slave Chip in a Cascade Connection
Same as the master chip
This input signal is loaded in synchronization with the falling edge of the
INT signal or the rising edge of the RST signal.
AFF coefficient control.
This pin stops updating of the adaptive FIR filter (AFF) coefficient and sets
the coefficient to a fixed value, when this pin is configured to be the
coefficient fix mode.
This pin is used when holding the AFF coefficient which has been once
converged.
• Single Chip or Master Chip in a Cascade Connection
"H": Coefficient fix mode
"L": Normal mode (coefficient update)
• Slave Chip in a Cascade Connection
Fixed at "L"
This input signal is loaded in synchronization with the falling edge of the
INT signal or the rising edge of the RST signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com