Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7617 Datasheet (PDF) - OKI electronic componets

MSM7617 Datasheet PDF - OKI electronic componets
Part # MSM7617
Download  MSM7617 Download
File Size   271.94 Kbytes
Page   29 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2-Channel Echo Canceler

MSM7617 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7617 Datasheet PDF - OKI electronic componets

Part # MSM7617
Download  MSM7617 Click to download

File Size   271.94 Kbytes
Page   29 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2-Channel Echo Canceler

MSM7617 Datasheet (HTML) - OKI electronic componets


MSM7617 Product details

GENERAL DESCRIPTION
The MSM7617 cancels echoes (acoustic or line echoes) generated in voice channels. It is a lowpower CMOS LSI device with two channels.
MSM7617 echo canceling is performed by digital signal processing. It negates echoes by estimating the echo channel and then generating a pseudo-echo signal.

FEATURES
• Echo canceler has two channels, which can be used for acoustic and line echoes. Set as a single cross-connected channel, it can be used for both acoustic and line echoes.
• ITU-T G164/G165 standard tone disabler.
• PCM line level adjustment possible with SIN level attenuator (SA pin) and SOUT level amplifier (SG pin). Can also be used for ERL amplification with the SIN level attenuator (SA pin).
• RGC pin provides input/output adjustment mode (±6LR mode) that can prevent malfunction due to excessive inputs without changing the RIN-ROUT input/output levels.
• Cancelable echo delay time: 55 ms (max.)
• Echo attenuation: 30 dB (typ.)
• Clock frequency: 18 to 20 MHz 19.2 MHz if using internal clock signal
• Power supply voltage: 4.5 to 5.5 V
• Package: 64-pin plastic QFP (QFP64-P-1414-0.80-BK)
• Product name: MSM7617-001GS-BK (m-law)




Similar Part No. - MSM7617

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
Echo Canceler
MSM7602-001 OKI-MSM7602-001 Datasheet
238Kb / 29P
Echo Canceler
MSM7602-011 OKI-MSM7602-011 Datasheet
238Kb / 29P
Echo Canceler
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
Echo Canceler
MSM7603B OKI-MSM7603B Datasheet
149Kb / 20P
Echo Canceler
More results


Similar Description - MSM7617

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
Echo Canceler
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
Echo Canceler
MSM7718-01 OKI-MSM7718-01 Datasheet
231Kb / 38P
Echo Canceler with ADPCM CODEC
MSM7731-02 OKI-MSM7731-02 Datasheet
391Kb / 53P
Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
ML7021 OKI-ML7021 Datasheet
244Kb / 24P
Echo Canceler
MSM7620 OKI-MSM7620 Datasheet
225Kb / 28P
Echo Canceler
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
Echo Canceler with ADPCM Transcoder
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
2-Channel Echo Canceler with Multifunction ADPCM Transcoder
logo
LAPIS Semiconductor Co....
ML7037-003 LAPIS-ML7037-003 Datasheet
853Kb / 87P
Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
ML7202-001 LAPIS-ML7202-001 Datasheet
635Kb / 65P
2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com