Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7620 Datasheet (PDF) - OKI electronic componets

MSM7620 Datasheet PDF - OKI electronic componets
Part # MSM7620
Download  MSM7620 Download
File Size   225.94 Kbytes
Page   28 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Echo Canceler

MSM7620 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7620 Datasheet PDF - OKI electronic componets

Part # MSM7620
Download  MSM7620 Click to download

File Size   225.94 Kbytes
Page   28 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Echo Canceler

MSM7620 Datasheet (HTML) - OKI electronic componets


MSM7620 Product details

GENERAL DESCRIPTION
The MSM7620 is an improved version of the MSM7520 with the same basic configuration. The MSM7620 includes following improvements: a modified through mode, timing control of the control pin input, and a thinner package. The MSM7620 also provides a pin-for-pin replacement with the MSM7520.

FEATURES
• Handles both acoustic echoes and telephone line echoes.
• Cancelable echo delay time:
    MSM7620-001 ................. For a single chip: 23 ms (max.)
    MSM7620-011 ................. For a cascade connection (can also be used for a single chip)
                                              Master chip: 23 ms (max.)
                                              Slave chip: 31 ms (max.)
                                              Cancelable up to 213 ms (one master plus six slaves)
                                              For a single chip: 23 ms (max.)
• Echo attenuation : 30 dB (typ.)
• Clock frequency : 18 MHz (36 MHz cannot be used)
                                External input and internal oscillator circuit are provided.
• Power supply voltage : 5 V (4.5 V to 5.5 V)
• Power consumption : 150 mW (typ.) When powered down: 20 mW (typ.)
• Package options:
    32-pin plastic SSOP (SSOP32-P-640-0.80-K) (Product name : MSM7620-001GS-K)
    64-pin plastic QFP (QFP64-P-1414-0.80-BK) (Product name : MSM7620-011GS-BK)




Similar Part No. - MSM7620

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
Echo Canceler
MSM7602-001 OKI-MSM7602-001 Datasheet
238Kb / 29P
Echo Canceler
MSM7602-011 OKI-MSM7602-011 Datasheet
238Kb / 29P
Echo Canceler
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
Echo Canceler
MSM7603B OKI-MSM7603B Datasheet
149Kb / 20P
Echo Canceler
More results


Similar Description - MSM7620

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
Echo Canceler
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
Echo Canceler
MSM7617 OKI-MSM7617 Datasheet
271Kb / 29P
2-Channel Echo Canceler
MSM7718-01 OKI-MSM7718-01 Datasheet
231Kb / 38P
Echo Canceler with ADPCM CODEC
MSM7731-02 OKI-MSM7731-02 Datasheet
391Kb / 53P
Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
ML7021 OKI-ML7021 Datasheet
244Kb / 24P
Echo Canceler
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
Echo Canceler with ADPCM Transcoder
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
2-Channel Echo Canceler with Multifunction ADPCM Transcoder
logo
LAPIS Semiconductor Co....
ML7037-003 LAPIS-ML7037-003 Datasheet
853Kb / 87P
Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
ML7202-001 LAPIS-ML7202-001 Datasheet
635Kb / 65P
2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com