Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7602 Datasheet (PDF) - OKI electronic componets

MSM7602 Datasheet PDF - OKI electronic componets
Part # MSM7602
Download  MSM7602 Download
File Size   238.32 Kbytes
Page   29 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Echo Canceler

MSM7602 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7602 Datasheet PDF - OKI electronic componets

Part # MSM7602
Download  MSM7602 Click to download

File Size   238.32 Kbytes
Page   29 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Echo Canceler

MSM7602 Datasheet (HTML) - OKI electronic componets


MSM7602 Product details

GENERAL DESCRIPTION

The MSM7602 is an improved version of the MSM7520 with the same basic configuration. The MSM7602 uses a 19.2 MHz clock frequency to meet PHS, the 3 V power supply (2.7 V to 5.5 V), and compact packaging. Also, this device adds the howling detecter control pins and main clook output pins. (See the Appendix)

The MSM7602 is a low-power CMOS IC device for canceling echo (in an acoustic system or telephone line) generated in a speech path.

Echo is canceled, in digital signal processing, by estimating the echo path and generating a pseudo echo signal.

When used as an acoustic echo canceler, the device cancels the acoustic echo between the loud speaker and the microphone which occurs during hands free communication such as with a cellular phone or a conference system phone.

When used as a line echo canceler, the device cancels the line echo caused by impedance mismatching in a hybrid.

In addition, the MSM7602 makes possible a quality conversation by controlling the noise level and preventing howling with howling detector, double talk detector, attenuation function, and a gain control function. The devise also controls the low level noise with a center clipping function.

Further, the MSM7602 I/O interface supportsm-law PCM . The use of a single chip CODEC, such as the MSM7566/7704 (3 V) or MSM7543/7533 (5 V), allows an economic and efficient echo canceler configuration.



FEATURES

• Handles both acoustic echoes and telephone line echoes.

• Cancelable echo delay time:

MSM7602-001 ................. For a single chip: 23 ms (max.)

MSM7602-011 ................. For a cascade connection (can also be used for a single chip)

                               Master chip: 23 ms (max.)

                               Slave chip: 31 ms (max.)

                               Cancelable up to 209 ms (1 master plus 6 slaves)

                               For a single chip: 23 ms (max.)

• Echo attenuation : 30 dB (typ.)

• Clock frequency : 19.2 MHz

                          External input and internal oscillator circuit are provided.

• Power supply voltage : 2.7 V to 5.5 V

• Package options:

   28-pin plastic SSOP (SSOP28-P-485-0.65-K) (Product name : MSM7602-001GS-K)

   56-pin plastic QFP (QFP56-P-910-0.65-2K) (Product name : MSM7602-011GS-2K)



 




Similar Part No. - MSM7602

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
Echo Canceler
MSM7603B OKI-MSM7603B Datasheet
149Kb / 20P
Echo Canceler
More results


Similar Description - MSM7602

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
Echo Canceler
MSM7617 OKI-MSM7617 Datasheet
271Kb / 29P
2-Channel Echo Canceler
MSM7718-01 OKI-MSM7718-01 Datasheet
231Kb / 38P
Echo Canceler with ADPCM CODEC
MSM7731-02 OKI-MSM7731-02 Datasheet
391Kb / 53P
Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
ML7021 OKI-ML7021 Datasheet
244Kb / 24P
Echo Canceler
MSM7620 OKI-MSM7620 Datasheet
225Kb / 28P
Echo Canceler
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
Echo Canceler with ADPCM Transcoder
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
2-Channel Echo Canceler with Multifunction ADPCM Transcoder
logo
LAPIS Semiconductor Co....
ML7037-003 LAPIS-ML7037-003 Datasheet
853Kb / 87P
Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
ML7202-001 LAPIS-ML7202-001 Datasheet
635Kb / 65P
2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com