Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7603 Datasheet (PDF) - OKI electronic componets

MSM7603 Datasheet PDF - OKI electronic componets
Part # MSM7603
Download  MSM7603 Download
File Size   149.88 Kbytes
Page   20 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Echo Canceler

MSM7603 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7603 Datasheet PDF - OKI electronic componets

Part # MSM7603
Download  MSM7603 Click to download

File Size   149.88 Kbytes
Page   20 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Echo Canceler

MSM7603 Datasheet (HTML) - OKI electronic componets


MSM7603 Product details

GENERAL DESCRIPTION
The MSM7603/7603B is an improved version of the MSM7602 with basically the same configuration, and offers twice the cancelable echo delay time of the MSM7602.
The MSM7603B I/O interface allows switching between m-law PCM and A-law PCM.
The MSM7603/7603B is a low-power CMOS IC device for canceling echo (in an acoustic system or telephone line) generated in a speech path.
Echo is canceled, in digital signal processing, by estimating the echo path and generating a pseudo echo signal.

FEATURES
• Can handle both acoustic and telephone line echoes.
• Switchable between m-law PCM and A-law PCM interfaces. (MSM7603B)
• Cancelable echo delay time: MSM7603B-003 .............. 55 ms (max.)
• Echo attenuation : 30 dB (typ.)
• Clock frequency : 19.2 MHz
                               17.5 MHz to 20 MHz (when internal sync signal not used)
• Power supply voltage : 2.7 V to 5.5 V
• Package:
    28-pin plastic SSOP (SSOP28-P-485-0.65-K) (Product name : MSM7603-003GS-K)
                                                                        (Product name : MSM7603B-003GS-K)




Similar Part No. - MSM7603

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
Echo Canceler
MSM7602-001 OKI-MSM7602-001 Datasheet
238Kb / 29P
Echo Canceler
MSM7602-011 OKI-MSM7602-011 Datasheet
238Kb / 29P
Echo Canceler
More results


Similar Description - MSM7603

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
Echo Canceler
MSM7617 OKI-MSM7617 Datasheet
271Kb / 29P
2-Channel Echo Canceler
MSM7718-01 OKI-MSM7718-01 Datasheet
231Kb / 38P
Echo Canceler with ADPCM CODEC
MSM7731-02 OKI-MSM7731-02 Datasheet
391Kb / 53P
Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
ML7021 OKI-ML7021 Datasheet
244Kb / 24P
Echo Canceler
MSM7620 OKI-MSM7620 Datasheet
225Kb / 28P
Echo Canceler
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
Echo Canceler with ADPCM Transcoder
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
2-Channel Echo Canceler with Multifunction ADPCM Transcoder
logo
LAPIS Semiconductor Co....
ML7037-003 LAPIS-ML7037-003 Datasheet
853Kb / 87P
Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
ML7202-001 LAPIS-ML7202-001 Datasheet
635Kb / 65P
2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com