Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7048 Datasheet (PDF) - OKI electronic componets

ML7048 Datasheet PDF - OKI electronic componets
Part # ML7048
Download  ML7048 Download
File Size   138.85 Kbytes
Page   20 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 3-Channel Single Rail CODEC

ML7048 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML7048 Datasheet PDF - OKI electronic componets

Part # ML7048
Download  ML7048 Click to download

File Size   138.85 Kbytes
Page   20 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 3-Channel Single Rail CODEC

ML7048 Datasheet (HTML) - OKI electronic componets


ML7048 Product details

GENERAL DESCRIPTION
The ML7048 is a three-channel single rail CMOS CODEC LSI. This device contains filters for A-to-D and D-to-A conversions of voice signals ranging 300 to 3400 Hz.
The ML7048 is designed for a single power supply and low power applications and contains three-channel A-to-D and D-to-A converters on a single chip, and achieves a reduced footprint and external component parts. The ML7048 is best suited for ISDN terminal and digital telephone terminal applications.

FEATURES
• Single 5 V Power Supply Operation
• Using ∆-Σ ADC and DAC Technique
• Low Power Consumption
    3-Channel Operating Mode: typical: 140 mW max.:174 mW
    Power Saving Mode: (PDN = “1”, PDN1 to 3 = “0”) typical: 15 mW max.: 26 mW
    Power Down Mode: (PDN = “0”) typical: 0.05 mW max.: 0.3 mW
• ITU-T Companding Law: µ-law
• PCM Interface:
    3-Channel Independent or 3-Channel Continuous Serial Interface Pin Selectable
• Master Clock:
    12.288 MHz or 15.360 MHz Pin Selectable
• Transmission Clocks:
    64, 128, 256, 512, 1024, 2048 kHz
    96, 192, 384, 768, 1536 kHz
• Adjustable Transmit Gain for Each Channel
• Built-in Reference Voltage Supply
• Differential Analog Output can Directly Drive a 600Ω Transformer.
• Package:
    44-pin Plastic QFP (QFP44-P-910-0.80-2K) (Product name: ML7048-01GA)




Similar Part No. - ML7048

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7041 OKI-ML7041 Datasheet
236Kb / 28P
single-channel full duplex CODEC LSI device which performs mutual transcoding between the analog voice band signals ranging from 300 to 3400 Hz and th
logo
List of Unclassifed Man...
ML7041 ETC2-ML7041 Datasheet
381Kb / 28P
Audio CODEC Single 3 V power supply Transmit/receive full-duplex operation
logo
LAPIS Semiconductor Co....
ML7041 LAPIS-ML7041 Datasheet
381Kb / 28P
Audio CODEC
logo
OKI electronic componet...
ML7041TB OKI-ML7041TB Datasheet
236Kb / 28P
single-channel full duplex CODEC LSI device which performs mutual transcoding between the analog voice band signals ranging from 300 to 3400 Hz and th
More results


Similar Description - ML7048

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
Single Rail CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
Single Rail CODEC
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
Single Rail CODEC
MSM7578H OKI-MSM7578H Datasheet
158Kb / 18P
Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
Single Rail CODEC
logo
Zarlink Semiconductor I...
MT91L62 ZARLINK-MT91L62 Datasheet
405Kb / 19P
3 Volt Single Rail Codec
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com