Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9228 Datasheet (PDF) - OKI electronic componets

ML9228 Datasheet PDF - OKI electronic componets
Part # ML9228
Download  ML9228 Download
File Size   170.43 Kbytes
Page   25 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 82-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, Keyscan

ML9228 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML9228 Datasheet PDF - OKI electronic componets

Part # ML9228
Download  ML9228 Click to download

File Size   170.43 Kbytes
Page   25 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 82-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, Keyscan

ML9228 Datasheet (HTML) - OKI electronic componets


ML9228 Product details

GENERAL DESCRIPTION
The ML9228 is a full CMOS controller/driver for Duplex or Triplex vacuum fluorescent display tube. It conststs of 82-segment driver outputs and 3-grid pre-driver outputs, so that it can drive directly up to 246-segment VFD. ML9228 features a digital dimming function, a 5 × 6 keyscan circuit.

FEATURES
• Driver Supply voltage (VDISP) : 8.0V to 18.5V
• Logic Supply voltage (VDD) : 3.3V±10%, 5.0V±10%
• Duplex/Triplex selectable
• Applicable VFD tube : 2 Grids × 82 Anodes VFD tube
                                    : 3 Grids × 82 Anodes VFD tube
• 82-segment driver outputs : IOH = –6 mA at VOH = VDISP–0.8 V (SEG1 to 82)
• 3-grid pre-driver outputs : IOL = 10 mA at VOL = 2 V
• Built-in digital dimming circuit (10-bit resolution)
• Built-in 5 × 6 keyscan circuit
• Built-in oscillation circuit (external R and C)
• Built-in Power-On-Reset circuit
• Package:
    128-pin plastic QFP (QFP128-P-1420-0.50-K) (ML9228 GA)




Similar Part No. - ML9228

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ML922 ZARLINK-ML922 Datasheet
350Kb / 4P
REMOTE CONTROL RECEIVER
logo
OKI electronic componet...
ML9222 OKI-ML9222 Datasheet
241Kb / 25P
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9222GA OKI-ML9222GA Datasheet
241Kb / 25P
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9226 OKI-ML9226 Datasheet
350Kb / 26P
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9226GA OKI-ML9226GA Datasheet
350Kb / 26P
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
More results


Similar Description - ML9228

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1200-01 OKI-MSC1200-01 Datasheet
218Kb / 26P
30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
MSM9223 OKI-MSM9223 Datasheet
237Kb / 25P
27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9213 OKI-ML9213 Datasheet
183Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
ML9222 OKI-ML9222 Datasheet
241Kb / 25P
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9226 OKI-ML9226 Datasheet
350Kb / 26P
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9227 OKI-ML9227 Datasheet
342Kb / 26P
27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Key scan
logo
List of Unclassifed Man...
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
32-Bit Duplex/Triplex VF Controller/Driver with Digital Dimming
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
FEDL9213-01L ETC2-FEDL9213-01L Datasheet
194Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com