Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9222 Datasheet (PDF) - OKI electronic componets

ML9222 Datasheet PDF - OKI electronic componets
Part # ML9222
Download  ML9222 Download
File Size   241.02 Kbytes
Page   25 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan

ML9222 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML9222 Datasheet PDF - OKI electronic componets

Part # ML9222
Download  ML9222 Click to download

File Size   241.02 Kbytes
Page   25 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan

ML9222 Datasheet (HTML) - OKI electronic componets


ML9222 Product details

GENERAL DESCRIPTION

The ML9222 is a full CMOS controller/driver for Duplex or Triplex vacuum fluorescent display tube. It conststs of 32-segment driver outputs and 3-grid pre-driver outputs, so that it can drive directly up to 96-segment VFD.

ML9222 features a digital dimming function, a 8-ch ADC, a 5 x 5 keyscan circuit and an encoder type switch interface.

ML9222 provides an interface with a microcontroller only by four signal lines: DATA I/O, CLOCK, CS and INT.



FEATURES

• Supply voltage (VDD) : 8 to 18.5V (Built-in 5V regulator for logic)

• Duplex/Triplex selectable

• Applicable VFD tube : 2 Grids x 32 Anodes VFD tube

                              : 3 Grids x 32 Anodes VFD tube

• 32-segment driver outputs : IOH=–5mA at VOH=VDD–0.8V (SEG1 to 22)

                                        IOH=–10mA at VOH=VDD–0.8V (SEG23 to 32)

• 3-grid pre-driver outputs : IOL=10mA at VOL=2V

• Built-in digital dimming circuit (10-bit resolution)

• Built-in 8-ch A/D converter

• Built-in 5 x 5 keyscan circuit

• 3 interface circuits for an encoder type rotary switch

• Built-in oscillation circuit (external R and C)

• Built-in Power-On-Reset circuit

• Package:

   80-pin plastic QFP (QFP80-P-1420-0.80-BK) Product name: ML9222GA



 




Similar Part No. - ML9222

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ML922 ZARLINK-ML922 Datasheet
350Kb / 4P
REMOTE CONTROL RECEIVER
logo
OKI electronic componet...
ML9226 OKI-ML9226 Datasheet
350Kb / 26P
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9226GA OKI-ML9226GA Datasheet
350Kb / 26P
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9227 OKI-ML9227 Datasheet
342Kb / 26P
27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Key scan
ML9227GA OKI-ML9227GA Datasheet
342Kb / 26P
27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Key scan
More results


Similar Description - ML9222

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1200-01 OKI-MSC1200-01 Datasheet
218Kb / 26P
30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
MSC1205 OKI-MSC1205 Datasheet
130Kb / 15P
32-Bit Duplex Controller/Driver with Digital Dimming Function
MSC1208 OKI-MSC1208 Datasheet
111Kb / 14P
23-bit x 2 Duplex Controller/Driver with Digital Dimming and Keyscan Function
MSM9223 OKI-MSM9223 Datasheet
237Kb / 25P
27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9213 OKI-ML9213 Datasheet
183Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
ML9226 OKI-ML9226 Datasheet
350Kb / 26P
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9227 OKI-ML9227 Datasheet
342Kb / 26P
27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Key scan
ML9228 OKI-ML9228 Datasheet
170Kb / 25P
82-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, Keyscan
logo
List of Unclassifed Man...
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
32-Bit Duplex/Triplex VF Controller/Driver with Digital Dimming
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com