Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1208 Datasheet (PDF) - OKI electronic componets

MSC1208 Datasheet PDF - OKI electronic componets
Part # MSC1208
Download  MSC1208 Download
File Size   111.33 Kbytes
Page   14 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 23-bit x 2 Duplex Controller/Driver with Digital Dimming and Keyscan Function

MSC1208 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC1208 Datasheet PDF - OKI electronic componets

Part # MSC1208
Download  MSC1208 Click to download

File Size   111.33 Kbytes
Page   14 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 23-bit x 2 Duplex Controller/Driver with Digital Dimming and Keyscan Function

MSC1208 Datasheet (HTML) - OKI electronic componets


MSC1208 Product details

GENERAL DESCRIPTION
The MSC1208 is a Bi-CMOS display driver for 1/2-duty vacuum fluorescent display tube. It consists of 58-bit shift registers, latch circuits, a 10-bit digital dimming circuit, 4 x 4 switch matrix, and a keyscan circuit for 2-channel, 3-contact rotary switch. With these features, the MSC1208 not only can display frequencies for audio systems used in automobile applications and various information, but also can accept keyboard entry. Thus the front panel functions can be carried out only by this IC.
Since the MSC1208 has the data parity check function and the self-check functions, inspection at shipment and failure detection can easily be performed.
In addition, since the MSC1208 uses serial interfacing, only two signal lines, DATA ENABLE and DATA I/O, are used for connection with a microcontroller.

FEATURES
• Power supply voltage : VDD=8 to 18V (Built-in 5V-regulator for logic)
• Operating temperature range : –40 to 85°C
• Directly drives 23 segments : IOH=–8.8mA, Max. at VOH=VDD–0.8V
• Built-in 4 · 4 switch matrix and key scan circuit for 2ch, 3-contact switching
• Built-in digital dimming circuit with 10-bit resolution
• Data parity check function
• Self-check function (segment ON/OFF at intervals of about 1 second in test mode)
• Built-in RC oscillator (capacitor is connected externally)
• Built-in power-on reset circuit
• Package:
42-pin plastic shrink DIP (SDIP42-P-600-1.78) : (Product name : MSC1208SS)
                                          ··· indicates the code number.




Similar Part No. - MSC1208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1200 TI1-MSC1200 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1200 TI-MSC1200 Datasheet
1Mb / 92P
Precision Analog -to-Digital Converter
logo
OKI electronic componet...
MSC1200-01 OKI-MSC1200-01 Datasheet
218Kb / 26P
30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
MSC1200V-01 OKI-MSC1200V-01 Datasheet
218Kb / 26P
30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
More results


Similar Description - MSC1208

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1200-01 OKI-MSC1200-01 Datasheet
218Kb / 26P
30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
MSC1205 OKI-MSC1205 Datasheet
130Kb / 15P
32-Bit Duplex Controller/Driver with Digital Dimming Function
MSC1215 OKI-MSC1215 Datasheet
144Kb / 22P
17 x 2 Duplex Driver with Dimming, Keyscan and A/D Converter Function
MSC1218 OKI-MSC1218 Datasheet
105Kb / 12P
63-Bit Triplex Controller/Driver with Digital Dimming Function
MSC1230 OKI-MSC1230 Datasheet
115Kb / 13P
111-Bit 2/3-Duty Controller/Driver with Digital Dimming Function
MSM9223 OKI-MSM9223 Datasheet
237Kb / 25P
27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9222 OKI-ML9222 Datasheet
241Kb / 25P
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9226 OKI-ML9226 Datasheet
350Kb / 26P
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9228 OKI-ML9228 Datasheet
170Kb / 25P
82-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, Keyscan
logo
List of Unclassifed Man...
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
32-Bit Duplex/Triplex VF Controller/Driver with Digital Dimming
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com