Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1218 Datasheet (PDF) - OKI electronic componets

MSC1218 Datasheet PDF - OKI electronic componets
Part # MSC1218
Download  MSC1218 Download
File Size   105.22 Kbytes
Page   12 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 63-Bit Triplex Controller/Driver with Digital Dimming Function

MSC1218 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC1218 Datasheet PDF - OKI electronic componets

Part # MSC1218
Download  MSC1218 Click to download

File Size   105.22 Kbytes
Page   12 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 63-Bit Triplex Controller/Driver with Digital Dimming Function

MSC1218 Datasheet (HTML) - OKI electronic componets


MSC1218 Product details

GENERAL DESCRIPTION

The MSC1218 is a Bi-CMOS driver for 1/3 duty vacuum fluorescent display tube. It contains a 64-bit shift register, a 63-bit latch, a 10-bit digital dimming circuit, and three grids. The MSC1218 has only three microcontroller interface signal lines: CS, D-IN, and CLOCK. The chip select function enables the D-IN and CLOCK lines to be shared with other peripheral circuits.



FEATURES

• Power supply Voltage : 8 to 18V (built-in 5V regulator for logic circuit)

• Operating temperature : -40 to +85°C

• 21-segment driver outputs : IOH=–6mA at VOH=VDD–0.8V

• 3-grid driver outputs : IOH=–16mA at VOH=VDD–0.8V

• Built-in digital dimming circuit : 10-bit resolution

• Built-in RC oscillation circuit : External R and C

• Built-in Power-On-Reset circuit

• Package:

32-pin plastic SSOP(SSOP32-P-430-1.00-K) (Product name: MSC1218GS-K)




Similar Part No. - MSC1218

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1210 OKI-MSC1210 Datasheet
141Kb / 11P
Clock For 1/2 Duty VFD
logo
Texas Instruments
MSC1210 TI-MSC1210 Datasheet
652Kb / 83P
Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI-MSC1210 Datasheet
910Kb / 94P
Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI1-MSC1210 Datasheet
909Kb / 95P
Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210Y2 TI-MSC1210Y2 Datasheet
652Kb / 83P
Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
More results


Similar Description - MSC1218

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9211 OKI-ML9211 Datasheet
230Kb / 20P
56-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
MSC1205 OKI-MSC1205 Datasheet
130Kb / 15P
32-Bit Duplex Controller/Driver with Digital Dimming Function
MSC1230 OKI-MSC1230 Datasheet
115Kb / 13P
111-Bit 2/3-Duty Controller/Driver with Digital Dimming Function
MSM9210 OKI-MSM9210 Datasheet
219Kb / 20P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
MSM9223 OKI-MSM9223 Datasheet
237Kb / 25P
27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9222 OKI-ML9222 Datasheet
241Kb / 25P
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9226 OKI-ML9226 Datasheet
350Kb / 26P
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9227 OKI-ML9227 Datasheet
342Kb / 26P
27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Key scan
ML9228 OKI-ML9228 Datasheet
170Kb / 25P
82-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, Keyscan
logo
List of Unclassifed Man...
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
32-Bit Duplex/Triplex VF Controller/Driver with Digital Dimming
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com