Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1230 Datasheet (PDF) - OKI electronic componets

MSC1230 Datasheet PDF - OKI electronic componets
Part # MSC1230
Download  MSC1230 Download
File Size   115.66 Kbytes
Page   13 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 111-Bit 2/3-Duty Controller/Driver with Digital Dimming Function

MSC1230 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC1230 Datasheet PDF - OKI electronic componets

Part # MSC1230
Download  MSC1230 Click to download

File Size   115.66 Kbytes
Page   13 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 111-Bit 2/3-Duty Controller/Driver with Digital Dimming Function

MSC1230 Datasheet (HTML) - OKI electronic componets


MSC1230 Product details

GENERAL DESCRIPTION
The MSC1230 is a Bi-CMOS display driver with digital dimming function. It enables switching between 1/3-duty vacuum fluorescent (VF) display tube and universal VF display tube by pin control.
The MSC1230 consists of a 112-bit shift register, a 111-bit latch, a 10-bit digital dimming circuit, 37 segment drivers, and 3 grid drivers.

FEATURES
• Power supply voltage : VDD=8 V to 18 V (built-in 5 V regulator for logic circuit)
• Operating temperature range : Ta=–40 °C to +85 °C
• 37-segment driver outputs : IOH=–6 mA at VOH = VDD –0.8 V
• 3-grid driver outputs : IOH=–30 mA at VOH = VDD –0.8 V
• Built-in digital dimming circuit (10-bit resolution)
• Switchable between 1/3-duty VF display tube and universal VF display tube*
    When SEL pin is left open : Selects universal VF display tube (The grids GRID1, GRID2, and GRID1+GRID2 are turned on repeatedly in this order)
    When SEL pin is used at 0 V : Selects 1/3-duty VF display tube (The grids GRID1, GRID2, and GRID3 are turned on repeatedly in this order)
• Built-in oscillation circuit (external R and C)
• Built-in Power-On-Reset circuit
• Package:
    56-pin plastic QFP (QFP56-P-910-0.65-2K)(Product name: MSC1230GS-2K)




Similar Part No. - MSC1230

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1200 TI1-MSC1200 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1200 TI-MSC1200 Datasheet
1Mb / 92P
Precision Analog -to-Digital Converter
logo
OKI electronic componet...
MSC1200-01 OKI-MSC1200-01 Datasheet
218Kb / 26P
30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
MSC1200V-01 OKI-MSC1200V-01 Datasheet
218Kb / 26P
30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
More results


Similar Description - MSC1230

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9211 OKI-ML9211 Datasheet
230Kb / 20P
56-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
MSC1205 OKI-MSC1205 Datasheet
130Kb / 15P
32-Bit Duplex Controller/Driver with Digital Dimming Function
MSC1218 OKI-MSC1218 Datasheet
105Kb / 12P
63-Bit Triplex Controller/Driver with Digital Dimming Function
MSM9210 OKI-MSM9210 Datasheet
219Kb / 20P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
ML9212 OKI-ML9212 Datasheet
251Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
ML9213 OKI-ML9213 Datasheet
183Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
logo
List of Unclassifed Man...
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
FEDL9212-01 ETC2-FEDL9212-01 Datasheet
110Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
FEDL9213-01L ETC2-FEDL9213-01L Datasheet
194Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
logo
LAPIS Semiconductor Co....
ML9212 LAPIS-ML9212 Datasheet
110Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com