Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1230 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSC1230
Description  111-Bit 2/3-Duty Controller/Driver with Digital Dimming Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1230 Datasheet(HTML) 2 Page - OKI electronic componets

  MSC1230 Datasheet HTML 1Page - OKI electronic componets MSC1230 Datasheet HTML 2Page - OKI electronic componets MSC1230 Datasheet HTML 3Page - OKI electronic componets MSC1230 Datasheet HTML 4Page - OKI electronic componets MSC1230 Datasheet HTML 5Page - OKI electronic componets MSC1230 Datasheet HTML 6Page - OKI electronic componets MSC1230 Datasheet HTML 7Page - OKI electronic componets MSC1230 Datasheet HTML 8Page - OKI electronic componets MSC1230 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2/13
MSC1230
¡ Semiconductor
BLOCK DIAGRAM
VDD1
SEG37
SEG1
GRID3
GRID1
5V
POR
5V
REG.
37
37bit data
1
37
111 37-Segment Control
75
111
74
38 37
1
111-bit Latch
111-bit data
112 111
107106
97 96
1
112-bit Shift Register
112bits=0: Digital Dimming Mode
112bits=1: VF Data Input Mode
VDD2
LGND
POR
37
37
CS
DATA-IN
CLOCK
Control
Circuit
OSC0
OSC1
10-bit Latch
10-bit Digital
Diming
Timing
Generator
POR
VDD=8 - 18V
VCC=5.0V
(Regurator)
OSC
VDD3
3-bit Grid Driver
DGND
37-bit Segment Driver
10-bit data
10-bit data
SEL
5V
INPUT AND OUTPUT CONFIGURATION
l
Schematic Diagram 1 of
Logic Portion Input Circuit
l
Schematic Diagram 2 of
Logic Portion Input Circuit
l
Schematic Diagram of
Driver Output Circuit
GND
VDD
GND
INPUT
(5V Reg.)
GND
(5V Reg.)
VDD
GND
COLn
GND
VDD
GND
OUTPUT
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com