Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1205 Datasheet (PDF) - OKI electronic componets

MSC1205 Datasheet PDF - OKI electronic componets
Part # MSC1205
Download  MSC1205 Download
File Size   130.06 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 32-Bit Duplex Controller/Driver with Digital Dimming Function

MSC1205 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC1205 Datasheet PDF - OKI electronic componets

Part # MSC1205
Download  MSC1205 Click to download

File Size   130.06 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 32-Bit Duplex Controller/Driver with Digital Dimming Function

MSC1205 Datasheet (HTML) - OKI electronic componets


MSC1205 Product details

GENERAL DESCRIPTION
The MSC1205 is a Bi-CMOS display driver for a 1/2-duty vacuum fluorescent display tube. It consists of a 64-bit shift register, latch circuits, a digital diming circuit, and drivers.

FEATURES
• Power Supply Voltage: 8 to 18V (built-in 5V regulator for logic)
• Built-in 1-terminal RC oscillation circuit (with external capacitor)
• Built-in digital dimming circuit
    10-bit resolution
    Programmable in the duty range of 0/2048 (0%) to 1015.5/2048 (49.6%).
• Can directly drive 32 · 2 display anodes.
• Built-in power-on reset circuit
• Package options:
    42-pin plastic DIP (DIP42-P-600-2.54) (Product name: MSC1205-RS)
    44-pin plastic QFP (QFP44-P-910-0.80-2K) (Product name: MSC1205GS-2K)




Similar Part No. - MSC1205

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1200 TI1-MSC1200 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1200 TI-MSC1200 Datasheet
1Mb / 92P
Precision Analog -to-Digital Converter
logo
OKI electronic componet...
MSC1200-01 OKI-MSC1200-01 Datasheet
218Kb / 26P
30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
MSC1200V-01 OKI-MSC1200V-01 Datasheet
218Kb / 26P
30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
More results


Similar Description - MSC1205

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1200-01 OKI-MSC1200-01 Datasheet
218Kb / 26P
30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
MSC1208 OKI-MSC1208 Datasheet
111Kb / 14P
23-bit x 2 Duplex Controller/Driver with Digital Dimming and Keyscan Function
MSC1218 OKI-MSC1218 Datasheet
105Kb / 12P
63-Bit Triplex Controller/Driver with Digital Dimming Function
MSC1230 OKI-MSC1230 Datasheet
115Kb / 13P
111-Bit 2/3-Duty Controller/Driver with Digital Dimming Function
MSM9210 OKI-MSM9210 Datasheet
219Kb / 20P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
ML9222 OKI-ML9222 Datasheet
241Kb / 25P
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9226 OKI-ML9226 Datasheet
350Kb / 26P
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9228 OKI-ML9228 Datasheet
170Kb / 25P
82-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, Keyscan
logo
List of Unclassifed Man...
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
32-Bit Duplex/Triplex VF Controller/Driver with Digital Dimming
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com