Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1215 Datasheet (PDF) - OKI electronic componets

MSC1215 Datasheet PDF - OKI electronic componets
Part # MSC1215
Download  MSC1215 Download
File Size   144.42 Kbytes
Page   22 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 17 x 2 Duplex Driver with Dimming, Keyscan and A/D Converter Function

MSC1215 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC1215 Datasheet PDF - OKI electronic componets

Part # MSC1215
Download  MSC1215 Click to download

File Size   144.42 Kbytes
Page   22 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 17 x 2 Duplex Driver with Dimming, Keyscan and A/D Converter Function

MSC1215 Datasheet (HTML) - OKI electronic componets


MSC1215 Product details

GENERAL DESCRIPTION
The MSC1215-xx is a 1/2-duty vacuum fluorescent display tube driver implemented in BiCMOS technology. This LSI consists of a 37-bit shift register, 34 latches, an analog dimming circuit, (a PWM conversion circuit), a 3·4 keyscan circuit, a 6ch-6-bit A/D converter and 17 segment drivers, and 2-grid pre-drivers.

FEATURES
• Power supply voltage : VDD=8 to 18 V
• Operating temperature range : Ta=–40 to +85°C)
• 17-segment driver outputs (IOH=–5mA at VOH=VDD–0.8 V)
• Built-in analog dimming circuit (6-bit resolution, user-programmable)
• Built-in PWM conversion circuit (Lamp PWM signal to vacuum fluorescent display PWM signal)
• Built-in automatic-selection circuit for analog dimming/PWM conversion function
• Built-in 6ch 6-bit A/D converter
• Built-in 3 · 4 Keyscan circuit
• Built-in oscillation circuit (external R and C, fOSC=3.3 MHz)
• Built-in Power-On-Reset circuit
• Package:
    42-pin plastic DIP (DIP 42-P-600-2.54) (Product name: MSM1215-xxRS)
                                                                         xx indicates the code number.




Similar Part No. - MSC1215

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1210 OKI-MSC1210 Datasheet
141Kb / 11P
Clock For 1/2 Duty VFD
logo
Texas Instruments
MSC1210 TI-MSC1210 Datasheet
652Kb / 83P
Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI-MSC1210 Datasheet
910Kb / 94P
Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI1-MSC1210 Datasheet
909Kb / 95P
Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210Y2 TI-MSC1210Y2 Datasheet
652Kb / 83P
Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
More results


Similar Description - MSC1215

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1200-01 OKI-MSC1200-01 Datasheet
218Kb / 26P
30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
MSC1205 OKI-MSC1205 Datasheet
130Kb / 15P
32-Bit Duplex Controller/Driver with Digital Dimming Function
MSC1208 OKI-MSC1208 Datasheet
111Kb / 14P
23-bit x 2 Duplex Controller/Driver with Digital Dimming and Keyscan Function
MSC1230 OKI-MSC1230 Datasheet
115Kb / 13P
111-Bit 2/3-Duty Controller/Driver with Digital Dimming Function
MSC7170-01 OKI-MSC7170-01 Datasheet
253Kb / 27P
5x7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Keyscan Function
MSM9006-01 OKI-MSM9006-01 Datasheet
130Kb / 18P
LCD Driver with Keyscan Function
MSM9223 OKI-MSM9223 Datasheet
237Kb / 25P
27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9222 OKI-ML9222 Datasheet
241Kb / 25P
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9226 OKI-ML9226 Datasheet
350Kb / 26P
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9228 OKI-ML9228 Datasheet
170Kb / 25P
82-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, Keyscan
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com