Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7170-01 Datasheet (PDF) - OKI electronic componets

MSC7170-01 Datasheet PDF - OKI electronic componets
Part # MSC7170-01
Download  MSC7170-01 Download
File Size   253.32 Kbytes
Page   27 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 5x7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Keyscan Function

MSC7170-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC7170-01 Datasheet PDF - OKI electronic componets

Part # MSC7170-01
Download  MSC7170-01 Click to download

File Size   253.32 Kbytes
Page   27 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 5x7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Keyscan Function

MSC7170-01 Datasheet (HTML) - OKI electronic componets


MSC7170-01 Product details

GENERAL DESCRIPTION
The MSC7170-01 is a display controller/segment driver containing a 5 x 6 keyscan circuit, designed for a 5 x 7 dot matrix type vacuum fluorescent (VF) display tube.
Use of the MSC1164 grid driver allows a maximum of 16-digit pair to be displayed, or use of the MSC7171 grid driver allows a maximum of 12 digit pairs to be displayed.

FEATURES
• Able to display 5 x 7 dot matrix type characters of a maximum of 16 digits x 2 lines (when MSC1164 is used)
• The number of display digits selectable in a range of 1 digit x 2 lines to 16 digits x 2 lines
• Standby function
    Combination of the MSC7171 grid driver and the MSC7170-01 decreases grid driver current during the standby mode of the driver.
• Display intensity selectable by 10-bit digital dimming
• Display characters selectable from among 256 types by internal PLA
• 8-bit synchronous serial data transfer SPI interface
• 5 x 6 keyscan circuit
• Driver output current (IOH) : 1 mA (SEG1 to SEG35) : –15 mA (SEG36)
• Supply voltage: VDD = 5 V±10% : VDISP = 60 V (max.)
• Package:
    100-pin plastic QFP (QFP100-P-1420-0.65-BK) (Product name: MSC7170-01GS-BK)




Similar Part No. - MSC7170-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC7171 OKI-MSC7171 Datasheet
81Kb / 7P
12-Bit Grid Driver
More results


Similar Description - MSC7170-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9203 OKI-ML9203 Datasheet
388Kb / 31P
5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM
ML9205-01 OKI-ML9205-01 Datasheet
355Kb / 34P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
ML9206 OKI-ML9206 Datasheet
355Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
MSM9200-XX OKI-MSM9200-XX Datasheet
315Kb / 34P
5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
ML9208 OKI-ML9208 Datasheet
337Kb / 33P
5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
logo
Princeton Technology Co...
PT6301 PTC-PT6301 Datasheet
75Kb / 4P
5 x 7 Dot Character x 20-Digit x 2-Line Display Controller/Driver with Character RAM
PT6301 PTC-PT6301_10 Datasheet
75Kb / 4P
5 x 7 Dot Character x 20-Digit x 2-Line Display Controller/Driver with Character RAM
logo
List of Unclassifed Man...
ML9208-02 ETC2-ML9208-02 Datasheet
420Kb / 33P
5x7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
ML9208A-02 ETC2-ML9208A-02 Datasheet
639Kb / 35P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
logo
LAPIS Semiconductor Co....
ML9208-XX LAPIS-ML9208-XX Datasheet
262Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com