Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9206 Datasheet (PDF) - OKI electronic componets

ML9206 Datasheet PDF - OKI electronic componets
Part # ML9206
Download  ML9206 Download
File Size   355.91 Kbytes
Page   33 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM

ML9206 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML9206 Datasheet PDF - OKI electronic componets

Part # ML9206
Download  ML9206 Click to download

File Size   355.91 Kbytes
Page   33 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM

ML9206 Datasheet (HTML) - OKI electronic componets


ML9206 Product details

GENERAL DESCRIPTION
The ML9206-xx is a dot matrix vacuum fluorescent display tube controller driver IC which displays characters, numerics and symbols.
Dot matrix vacuum fluorescent display tube drive signals are generated by serial data sent from a micro-controller. A display system is easily realized by internal ROM and RAM for character display.
The ML9206-xx has low power consumption since it is made by CMOS process technology.
-01 is available as a general-purpose code. Custom codes are provided on customers request.

FEATURES
• Logic power supply and vacuum fluorescent display tube drive power supply (VDD) : 3.3 V±10% or 5.0 V±10%
• Fluorescent display tube drive power supply (VFL) : –20 to –60 V
• VFD driver output current (VFD driver output can be connected directly to the fluorescent display tube. No pull-down resistor is required.)
    - Segment driver (SEG1 to SEG35) : –6 mA (VFL=–60V)
    - Segment driver (AD1 and AD2) : –15 mA (VFL=–60V)
    - Grid driver (COM1 to COM16) : –30 mA (VFL=–60V)
• General output port output current
    - Output driver (P1 and P2) : ±1 mA (VDD=3.3V±10%) ±2 mA (VDD=5.0V±10%)
• Content of display
    - CGROM 5·7 dots : 248 types (character data)
    - CGRAM 5·7 dots : 8 types (character data)
    - ADRAM 16 (display digit) ·2 bits (symbol data)
    - DCRAM 16 (display digit) ·8 bits (register for character data display)
    - General output port 2 bits (static operation)
• Display control function
    - Display digit : 1 to 16 digits
    - Display duty (brightness adjustment) : 256 stages
    - All lights ON/OFF
• 3 interfaces with microcontroller : DA, CS, CP (4 interfaces when RESET is added)
• 1-byte instruction execution (excluding data write and display duty set mode to RAM)
• Built-in oscillation circuit (external R and C)
• Package options:
    64-pin plastic QFP (QFP64-P-1414-0.80-BK) (Product name : ML9206-xxGS-BK)
    64-pin plastic SSOP (SSOP64-P-525-0.80-K) (Product name : ML9206-xxGS-K)
                                                                              xx indicates the code number.




Similar Part No. - ML9206

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ML920 PANASONICBATTERY-ML920 Datasheet
38Kb / 1P
Manganese Lithium Coin Batteries
logo
OKI electronic componet...
ML9203 OKI-ML9203 Datasheet
388Kb / 31P
5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM
ML9203-XX OKI-ML9203-XX Datasheet
388Kb / 31P
5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM
ML9204 OKI-ML9204 Datasheet
288Kb / 41P
5 X 7 Dot Character X 24-Digit X 2-Line Display Controller/Driver with Character RAM (Built-in Key Scan)
ML9204-XX OKI-ML9204-XX Datasheet
288Kb / 41P
5 X 7 Dot Character X 24-Digit X 2-Line Display Controller/Driver with Character RAM (Built-in Key Scan)
More results


Similar Description - ML9206

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9203 OKI-ML9203 Datasheet
388Kb / 31P
5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM
ML9205-01 OKI-ML9205-01 Datasheet
355Kb / 34P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
MSC7128 OKI-MSC7128 Datasheet
200Kb / 27P
5 x 7-Dot Character x 16-Digit Display Controller/Driver
MSM9202-01 OKI-MSM9202-01 Datasheet
345Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
MSM9200-XX OKI-MSM9200-XX Datasheet
315Kb / 34P
5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
ML9207 OKI-ML9207 Datasheet
498Kb / 35P
5 X 7 Dot Character 횞 24-Digit Display Controller/Driver with Character RAM
ML9208 OKI-ML9208 Datasheet
337Kb / 33P
5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
logo
List of Unclassifed Man...
ML9208-02 ETC2-ML9208-02 Datasheet
420Kb / 33P
5x7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
ML9208A-02 ETC2-ML9208A-02 Datasheet
639Kb / 35P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
logo
LAPIS Semiconductor Co....
ML9208-XX LAPIS-ML9208-XX Datasheet
262Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com