Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9203 Datasheet (PDF) - OKI electronic componets

ML9203 Datasheet PDF - OKI electronic componets
Part # ML9203
Download  ML9203 Download
File Size   388.0 Kbytes
Page   31 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM

ML9203 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML9203 Datasheet PDF - OKI electronic componets

Part # ML9203
Download  ML9203 Click to download

File Size   388.0 Kbytes
Page   31 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM

ML9203 Datasheet (HTML) - OKI electronic componets


ML9203 Product details

GENERAL DESCRIPTION
The ML9203-xx is a 5 x 7 dot matrix type vacuum fluorescent display tube controller driver IC which displays characters, numerics and symbols of a maximum of 16 digits x 2 lines.
Dot matrix vacuum fluorescent display tube drive signals are generated by serial data sent from a micro-controller. A display system is easily realized by internal ROM and RAM for character display.

FEATURES
• Logic power supply (VDD) : 3.3 V±10% or 5.0 V±10%
• VFD tube drive power supply (VDISP) : 20 to 60 V
• VFD driver output current
    (VFD driver output can be connected directly to the VFD tube.
    No pull-down resistor is required.)
    - Segment driver (SEGA1 to A35, SEGB1 to B35)
        Only one driver output is high : –5 mA (VDISP=60V)
        All the driver outputs are high : –350 mA (VDISP=60V)
    - Segment driver (ADA, ADB) : –20 mA (VDISP=60V)
    - Grid driver (COM1 to 16) : –50 mA (VDISP=60V)
• Content of display
    SEGA1 to SEGA35 and ADA
    - CGROM_A 5x7 dots : 240 types (character data)
    - CGRAM_A 5x7 dots : 16 types (character data)
    - ADRAM_A 16 (display digit) x 1 bit (symbol data; can be used for a cursor.)
    - DCRAM_A 16 (display digit) x 8 bits(register for character data display)
    SEGB1 to SEGB35 and ADB
    - CGROM_B 5x7 dots : 240 types (character data)
    - CGRAM_B 5x7 dots : 16 types (character data)
    - ADRAM_B 16 (display digit) x 1 bit (symbol data; can be used for a cursor.)
    - DCRAM_B 16 (display digit) x 8 bits(register for character data display)
• Display control function
    - Display digit : 1 to 16 digits
    - Display duty (brightness adjustment) : 0 to 1024 stages
    - All lights ON/OFF
• 3 interfaces with microcontroller : DA, CS, CP (4 interfaces when RESET is added)
• Built-in oscillation circuit
    Crystal oscillation or ceralock oscillation : 4.0 MHz (Typ)
• Package options:
    100-pin plastic QFP (QFP100-P-1420-0.65-BK) (Product name: ML9203-xxGA)




Similar Part No. - ML9203

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ML920 PANASONICBATTERY-ML920 Datasheet
38Kb / 1P
Manganese Lithium Coin Batteries
logo
OKI electronic componet...
ML9204 OKI-ML9204 Datasheet
288Kb / 41P
5 X 7 Dot Character X 24-Digit X 2-Line Display Controller/Driver with Character RAM (Built-in Key Scan)
ML9204-XX OKI-ML9204-XX Datasheet
288Kb / 41P
5 X 7 Dot Character X 24-Digit X 2-Line Display Controller/Driver with Character RAM (Built-in Key Scan)
ML9205-01 OKI-ML9205-01 Datasheet
355Kb / 34P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
ML9206 OKI-ML9206 Datasheet
355Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
More results


Similar Description - ML9203

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9205-01 OKI-ML9205-01 Datasheet
355Kb / 34P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
ML9206 OKI-ML9206 Datasheet
355Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
MSC7128 OKI-MSC7128 Datasheet
200Kb / 27P
5 x 7-Dot Character x 16-Digit Display Controller/Driver
MSM9202-01 OKI-MSM9202-01 Datasheet
345Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
MSM9200-XX OKI-MSM9200-XX Datasheet
315Kb / 34P
5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
ML9208 OKI-ML9208 Datasheet
337Kb / 33P
5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
logo
Princeton Technology Co...
PT6301 PTC-PT6301 Datasheet
75Kb / 4P
5 x 7 Dot Character x 20-Digit x 2-Line Display Controller/Driver with Character RAM
PT6301 PTC-PT6301_10 Datasheet
75Kb / 4P
5 x 7 Dot Character x 20-Digit x 2-Line Display Controller/Driver with Character RAM
logo
List of Unclassifed Man...
ML9208A-02 ETC2-ML9208A-02 Datasheet
639Kb / 35P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
logo
LAPIS Semiconductor Co....
ML9208-XX LAPIS-ML9208-XX Datasheet
262Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com