Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6301 Datasheet (PDF) - Princeton Technology Corp

PT6301 Datasheet PDF - Princeton Technology Corp
Part # PT6301
Download  PT6301 Download
File Size   75.18 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 5 x 7 Dot Character x 20-Digit x 2-Line Display Controller/Driver with Character RAM

PT6301 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT6301 Datasheet PDF - Princeton Technology Corp

Part # PT6301
Download  PT6301 Click to download

File Size   75.18 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 5 x 7 Dot Character x 20-Digit x 2-Line Display Controller/Driver with Character RAM

PT6301 Datasheet (HTML) - Princeton Technology Corp


PT6301 Product details

DESCRIPTION
The PT6301 is a 5 × 7 dot matrix type vacuum fluorescent display tube controller driver IC which displays characters, numerics and symbols of a maximum of 20 digits × 2 lines.
Dot matrix vacuum fluorescent display tube drive signals are generated by serial data sent from a micro-controller.
A display system is easily realized by internal ROM and RAM for character display. PT6301 has low power consumption since it is made by CMOS process technology. Custom codes are provided on customer’s request.

FEATURES
• Logic power supply (VDD): 3.3V±10% or 5.0V±10%
• VFD tube drive power supply (VDISP ): 30 to 60V
• VFD driver output current (VFD driver output can be connected directly to the VFD tube. No pull-down resistor is required.)
    - Segment driver (SEGA1 to A35, SEGB1 to B35)
        Only one driver output is high: -5mA @ VDISP-4V (VDISP=50V, Tj=25℃)
        All the driver outputs are high: -350mA @ VDISP-4V (VDISP=50V, Tj=25℃)
    - Segment driver (ADA, ADB): -15mA @ VDISP-4V (VDISP=50V, Tj=25℃)
    - Grid driver (COM1 to 20): -40mA @ VDISP-4V (VDISP=50V, Tj=25℃)
• Content of display
    SEGA1 to SEGA35 and ADA
        - CGROM_A 5 × 7 dots: 240 types (character data)
        - CGRAM_A 5 × 7 dots: 16 types (character data)
        - ADRAM_A 20 (display digit) × 1 bit (symbol data; can be used for a cursor.)
        - DCRAM_A 20 (display digit) × 8 bits (register for character data display)
    SEGB1 to SEGB35 and ADB
        - CGROM_B 5 × 7 dots: 240 types (character data)
        - CGRAM_B 5 × 7 dots: 16 types (character data)
        - ADRAM_B 20 (display digit) × 1 bit (symbol data; can be used for a cursor.)
        - DCRAM_B 20 (display digit) × 8 bits (register for character data display)
• Display control function
    - Display digit: 1 to 20 digits
    - Display duty (brightness adjustment): 0/1024 to 960/1024 stages
    - All lights ON/OFF
• 4 interfaces with microcontroller : DA, CS, CP, and RESET
• Built-in oscillation circuit (external R & C)
• Standby function
    Inhibiting the oscillator circuit provides low power consumption.
• Built-in CIG testing circuit
• Available in CIG package type




Similar Part No. - PT6301

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6301 PTC-PT6301 Datasheet
75Kb / 4P
5 x 7 Dot Character x 20-Digit x 2-Line Display Controller/Driver with Character RAM
PT6301 PTC-PT6301_10 Datasheet
75Kb / 4P
5 x 7 Dot Character x 20-Digit x 2-Line Display Controller/Driver with Character RAM
More results


Similar Description - PT6301

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9203 OKI-ML9203 Datasheet
388Kb / 31P
5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM
ML9205-01 OKI-ML9205-01 Datasheet
355Kb / 34P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
ML9206 OKI-ML9206 Datasheet
355Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
MSM9202-01 OKI-MSM9202-01 Datasheet
345Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
ML9204 OKI-ML9204 Datasheet
288Kb / 41P
5 X 7 Dot Character X 24-Digit X 2-Line Display Controller/Driver with Character RAM (Built-in Key Scan)
MSM9200-XX OKI-MSM9200-XX Datasheet
315Kb / 34P
5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
ML9208 OKI-ML9208 Datasheet
337Kb / 33P
5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
logo
Princeton Technology Co...
PT6301 PTC-PT6301_10 Datasheet
75Kb / 4P
5 x 7 Dot Character x 20-Digit x 2-Line Display Controller/Driver with Character RAM
logo
List of Unclassifed Man...
ML9208A-02 ETC2-ML9208A-02 Datasheet
639Kb / 35P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
logo
LAPIS Semiconductor Co....
ML9208-XX LAPIS-ML9208-XX Datasheet
262Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com