Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9204 Datasheet (PDF) - OKI electronic componets

ML9204 Datasheet PDF - OKI electronic componets
Part # ML9204
Download  ML9204 Download
File Size   288.21 Kbytes
Page   41 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 5 X 7 Dot Character X 24-Digit X 2-Line Display Controller/Driver with Character RAM (Built-in Key Scan)

ML9204 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML9204 Datasheet PDF - OKI electronic componets

Part # ML9204
Download  ML9204 Click to download

File Size   288.21 Kbytes
Page   41 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 5 X 7 Dot Character X 24-Digit X 2-Line Display Controller/Driver with Character RAM (Built-in Key Scan)

ML9204 Datasheet (HTML) - OKI electronic componets


ML9204 Product details

GENERAL DESCRIPTION
The ML9204-xx is a 5 × 7 dot matrix type vacuum fluorescent display tube controller driver IC which displays characters, numerics and symbols of a maximum of 24 digits × 2 lines.
Dot matrix vacuum fluorescent display tube drive signals are generated by serial data sent from a micro-controller. A display system is easily realized by internal ROM and RAM for character display.

FEATURES
• Logic power supply (VDD) : 3.3 V±10% or 5.0 V±10%
• VFD tube drive power supply (VSEG, VCOM ) : 20 to 60 V
• VFD driver output current
    (VFD driver output can be connected directly to the VFD tube. No pull-down resistor is required.)
    • Segment driver (SEGA1 to A35, SEGB1 to B35)
        Only one driver output is high : –5 mA (VSEG = 60 V)
        All the driver outputs are high : –350 mA (VSEG = 60 V)
    • Segment driver (ADA, ADB) : –15 mA (VSEG = 60 V)
    • Grid driver (COM1 to 24) : –25 mA (VCOM = 60 V)
• Content of display
    SEGA1 to SEGA35 and ADA
    • CGROM_A : 5 × 7 dots 240 types (character data)
    • CGRAM_A : 5 × 7 dots 16 types (character data)
    • ADRAM_A : 24 (display digit)× 1 bit (symbol data; can be used for a cursor.)
    • DCRAM_A : 24 (display digit) × 8 bits (register for character data display)
    SEGB1 to SEGB35 and ADB
    • CGROM_B : 5 × 7 dots 240 types (character data)
    • CGRAM_B : 5 × 7 dots 16 types (character data)
    • ADRAM_B : 24 (display digit)× 1 bit (symbol data; can be used for a cursor.)
    • DCRAM_B : 24 (display digit) × 8 bits (register for character data display)
• Display control function
    • GCRAM : Simultaneous output of COM1 to 24 can be set in 1 grid.
    • Display digits : 1 to 24 digits (9- to 24-bit arbitrary setting)
    • Display duty (brightness adjustment) : 0/1024 to 960/1024 stages
    • All lights ON/OFF
• 5 interfaces with microcontroller:DI/O, CS, CP, RESET, INT
• Built-in key scan circuit for 5 × 6 matrix key switch
• Built-in key scan circuit for 3-channel encoder type rotary switch
• Built-in oscillation circuit
    Crystal oscillation or ceramic oscillation: 4.0 MHz (Typ)
• Standby function
    Inhibiting the oscillator circuit provides low power consumption.
• Package options:
    128-pin plastic QFP (QFP128-P-1420-0.50-K) (ML9204-xxGA)




Similar Part No. - ML9204

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ML920 PANASONICBATTERY-ML920 Datasheet
38Kb / 1P
Manganese Lithium Coin Batteries
logo
OKI electronic componet...
ML9203 OKI-ML9203 Datasheet
388Kb / 31P
5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM
ML9203-XX OKI-ML9203-XX Datasheet
388Kb / 31P
5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM
ML9205-01 OKI-ML9205-01 Datasheet
355Kb / 34P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
ML9206 OKI-ML9206 Datasheet
355Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
More results


Similar Description - ML9204

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9203 OKI-ML9203 Datasheet
388Kb / 31P
5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM
ML9205-01 OKI-ML9205-01 Datasheet
355Kb / 34P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
ML9206 OKI-ML9206 Datasheet
355Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
MSM9202-01 OKI-MSM9202-01 Datasheet
345Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
MSM9200-XX OKI-MSM9200-XX Datasheet
315Kb / 34P
5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
ML9208 OKI-ML9208 Datasheet
337Kb / 33P
5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
logo
Princeton Technology Co...
PT6301 PTC-PT6301 Datasheet
75Kb / 4P
5 x 7 Dot Character x 20-Digit x 2-Line Display Controller/Driver with Character RAM
PT6301 PTC-PT6301_10 Datasheet
75Kb / 4P
5 x 7 Dot Character x 20-Digit x 2-Line Display Controller/Driver with Character RAM
logo
List of Unclassifed Man...
ML9208A-02 ETC2-ML9208A-02 Datasheet
639Kb / 35P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
logo
LAPIS Semiconductor Co....
ML9208-XX LAPIS-ML9208-XX Datasheet
262Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com