Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7171 Datasheet (PDF) - OKI electronic componets

MSC7171 Datasheet PDF - OKI electronic componets
Part # MSC7171
Download  MSC7171 Download
File Size   81.79 Kbytes
Page   7 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 12-Bit Grid Driver

MSC7171 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC7171 Datasheet PDF - OKI electronic componets

Part # MSC7171
Download  MSC7171 Click to download

File Size   81.79 Kbytes
Page   7 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 12-Bit Grid Driver

MSC7171 Datasheet (HTML) - OKI electronic componets


MSC7171 Product details

GENERAL DESCRIPTION
The MSC7171 is a driver IC designed to directly drive the grids of fluorescent display tube. It contains a 12-bit shift register and 12 output drivers.
Display data is serially written into the internal 12-bit shift register on the rising edge of each clock pulse.
By setting the DUTY pin to "L", all driver outputs go "L". Blanking can be set using this function.
By setting the STANDBY pin to "H", all driver outputs go "L" and the MSC7171 enters the low current mode.

FEATURES
• Logic supply voltage : 5 V
• Driver supply voltage : 65 V
• Driver output current
    IOH: –50 mA (Only one driver output is in the high state)
    IOL: 100 μA
• Directly connectable to VF display tube: no pull-down resistor required
• Data transfer cycle : 5 MHz
• Brightness control through DUTY pin
• Low-current mode can be set with STANDBY pin
• Package:
    24-pin plastic SOP (SOP24-P-430-1.27-K)(Product name: MSC7171GS-K)




Similar Part No. - MSC7171

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC7170-01 OKI-MSC7170-01 Datasheet
253Kb / 27P
5x7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Keyscan Function
More results


Similar Description - MSC7171

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1162A OKI-MSC1162A Datasheet
110Kb / 14P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
MSC1164 OKI-MSC1164 Datasheet
120Kb / 13P
20-Bit Grid/Anode Driver
MSC1212-01 OKI-MSC1212-01 Datasheet
99Kb / 11P
48-Bit Grid/Anode Driver
MSC7166 OKI-MSC7166 Datasheet
84Kb / 8P
16-Bit Grid Driver with 4 to 16-Decoder
logo
Rohm
BU2090 ROHM-BU2090 Datasheet
140Kb / 12P
12-bit, serial IN, parallel OUT driver
logo
LDT Co., Ltd
LD1961A LDT-LD1961A Datasheet
321Kb / 23P
12 SEGMENT X 7 GRID LED Driver
logo
List of Unclassifed Man...
ML9271 ETC2-ML9271 Datasheet
281Kb / 16P
48-Bit Grid/Anode VFD Driver
ML9271 ETC2-ML9271 Datasheet
281Kb / 16P
48-Bit Grid/Anode VFD Driver
ML9272 ETC2-ML9272 Datasheet
175Kb / 15P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
logo
LDT Co., Ltd
LD1970 LDT-LD1970 Datasheet
709Kb / 26P
16 SEGMENT X 12 GRID VFD DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com