Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7166 Datasheet (PDF) - OKI electronic componets

MSC7166 Datasheet PDF - OKI electronic componets
Part # MSC7166
Download  MSC7166 Download
File Size   84.84 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 16-Bit Grid Driver with 4 to 16-Decoder

MSC7166 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC7166 Datasheet PDF - OKI electronic componets

Part # MSC7166
Download  MSC7166 Click to download

File Size   84.84 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 16-Bit Grid Driver with 4 to 16-Decoder

MSC7166 Datasheet (HTML) - OKI electronic componets


MSC7166 Product details

GENERAL DESCRIPTION
The MSC7166 is a driver IC designed to directly drive the grids of a vacuum fluorescent display tube.
Since this IC has a built-in 4 to 16-line decoder and 16 output circuits, a signal device of MSC7166 can replace a set of the following three: two devices of either MSL912 or MSL918 and one device of either MSM4514 or MSM74HC4514.
Setting the DUTY pin to the "L" level makes all driver outputs go "L". Blanking can be set using this function.

FEATURES
• Logic supply voltage : 5V
• Driver supply voltage : 65V
• Driver output current IOH : –40 mA
                                    IOL : 1 mA
• Can be directly connected to VF display tube without pull-down resistor
• Built-in 4- to 16-line decoder
• Brightness can be adjusted by DUTY pin
• Package
    24-pin plastic SOP (SOP24-P-430-1.27-K) (Product name: MSC7166GS-K)




Similar Part No. - MSC7166

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC7165 OKI-MSC7165 Datasheet
83Kb / 8P
16-Bit Grid Driver with 4 to 16-Decoder
More results


Similar Description - MSC7166

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC7165 OKI-MSC7165 Datasheet
83Kb / 8P
16-Bit Grid Driver with 4 to 16-Decoder
logo
ON Semiconductor
MC14514B ONSEMI-MC14514B Datasheet
202Kb / 12P
4-Bit Transparent Latch/4-to-16 Line Decoder
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4514B STMICROELECTRONICS-HCC4514B Datasheet
261Kb / 11P
4-BIT LATCH/4-TO-16 LINE DECODER
Jun-1989
logo
Fairchild Semiconductor
MM74HC4514 FAIRCHILD-MM74HC4514 Datasheet
73Kb / 7P
4-to-16 Line Decoder with Latch
logo
Hitachi Semiconductor
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
4-bit Latch/4-to-16-Line Decoder
HD74HC4514 HITACHI-HD74HC4514 Datasheet
52Kb / 8P
4-bit Latch/4-to-16-line Decoder
HD74HC4515 HITACHI-HD74HC4515 Datasheet
49Kb / 8P
4-bit Latch/4-to-16-line Decoder
logo
Fairchild Semiconductor
MM74HC4514 FAIRCHILD-MM74HC4514_03 Datasheet
78Kb / 7P
4-to-16 Line Decoder with Latch
logo
Toshiba Semiconductor
TC74HC154AP TOSHIBA-TC74HC154AP Datasheet
318Kb / 7P
4-to-16 Line Decoder
logo
ON Semiconductor
MC14514B ONSEMI-MC14514B_13 Datasheet
130Kb / 8P
4-Bit Transparent Latch / 4-to-16 Line Decoder
May, 2013 ??Rev. 9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com