Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7166 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSC7166
Description  16-Bit Grid Driver with 4 to 16-Decoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC7166 Datasheet(HTML) 6 Page - OKI electronic componets

  MSC7166 Datasheet HTML 1Page - OKI electronic componets MSC7166 Datasheet HTML 2Page - OKI electronic componets MSC7166 Datasheet HTML 3Page - OKI electronic componets MSC7166 Datasheet HTML 4Page - OKI electronic componets MSC7166 Datasheet HTML 5Page - OKI electronic componets MSC7166 Datasheet HTML 6Page - OKI electronic componets MSC7166 Datasheet HTML 7Page - OKI electronic componets MSC7166 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6/8
¡ Semiconductor
MSC7166
ELECTRICAL CHARACTERISTICS
DC Characteristics
AC Characteristics
GRIDn
tDLH
DUTY
SELn
tDHL
tTLH
tTHL
50%
10%
90%
90%
10%
10%
90%
tr
10%
90%
tf
50%
Parameter
High Level Input Current
Logic Supply Current
Low Level Input Current
Symbol
IDD1
Unit
IDD2
IIH
IIL
mA
mA
IDISP2
Driver Supply Current
IDISP1
mA
mA
Condition
Min.
Typ.
Max.
No load, 1 output H
No load, DUTY=L
—
—
No load, DUTY=L
No load, 1 output H
High Level Output Voltage
VOH
V
IOH=–40mA
—
VDISP(+)
–4
—
—
—
—
—
—
4.8
5.0
±1
1.0
0.3
—
Low Level Output Voltage
VOL
—
—
—
IOL=1mA
2.5
V
mA
mA
±1
—
—
—
—
—
(VDD=4.5 to 5.5V,VDISP(+)=8 to 65V,Ta=–40 to +85°C)
Parameter
Delay Time L to H
Symbol
tDLH
Unit
tTLH
ms
ms
tTHL
tDHL
ms
ms
Condition
Min.
Typ.
Max.
CL=10pF, See figure below
CL=10pF, See figure below
CL=10pF, See figure below
CL=10pF, See figure below
0.3
2.0
2.0
0.3
1.0
4.0
4.0
1.0
—
—
—
—
(VDD=4.5 to 5.5V,VDISP(+)=8 to 65V,Ta=–40 to +85°C)
Transient Time L to H
Delay Time H to L
Transient Time H to L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com