Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4514B Datasheet (PDF) - STMicroelectronics

HCC4514B Datasheet PDF - STMicroelectronics
Part # HCC4514B
Download  HCC4514B Download
File Size   261.27 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-BIT LATCH/4-TO-16 LINE DECODER

HCC4514B Datasheet (PDF)

Go To PDF Page Download Datasheet
HCC4514B Datasheet PDF - STMicroelectronics

Part # HCC4514B
Download  HCC4514B Click to download

File Size   261.27 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-BIT LATCH/4-TO-16 LINE DECODER

HCC4514B Datasheet (HTML) - STMicroelectronics


HCC4514B Product details

DESCRIPTION
TheHCC4514B/HCC4515B (extended temperature range) and theHCF4514B/HCF4515B (intermediate temperature range) are monolithic integrated circuits available in 24-lead dual in-line plastic or ceramic package and plastic micro package. The HCC/HCF4514B/4515B consisting of a 4-bit strobed latch and a 4 to 16 line decoder. The latches hold the last input data presented prior to the strobe transition from 1 to 0. Inhibit control allows all outputs to be placed at0 (HCC/HCF4514B)or1(HCC/HCF4515B) regardless of thestateofthedata or strobe inputs. The decode truth table indicates all combinations of data inputs and appropriate selected outputs.

HCC/HCF4514B OUTPUT ”HIGH” ON SELECT
HCC/HCF4515B OUTPUT ”LOW” ON SELECT

. QUIESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE
. STROBED INPUT LATCH
. INHIBIT CONTROL
. INPUT CURRENT OF 100nA AT 18V AND 25°C FOR HCC DEVICE
. 100% TESTED FOR QUIESCENT CURRENT
. MEETS ALL REQUIREMENTS OF JEDECTENTATIVE STANDARD N0. 13A, ”STANDARD SPECIFICATIONS FOR DESCRIPTION OF ”B” SERIES CMOS DEVICES”




Similar Part No. - HCC4514B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4514B STMICROELECTRONICS-HCC4514B Datasheet
141Kb / 13P
RadHardened high voltage complementary MOS logic series
18-Oct-2006
HCC4514B STMICROELECTRONICS-HCC4514B Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
HCC4514BD STMICROELECTRONICS-HCC4514BD Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
HCC4514BDG STMICROELECTRONICS-HCC4514BDG Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
HCC4514BDT STMICROELECTRONICS-HCC4514BDT Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
More results


Similar Description - HCC4514B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14514B ONSEMI-MC14514B Datasheet
202Kb / 12P
4-Bit Transparent Latch/4-to-16 Line Decoder
March, 2000 ??Rev. 3
logo
STMicroelectronics
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
188Kb / 10P
HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH INV.
Apr-2003
logo
Toshiba Semiconductor
TC74HC4514AP TOSHIBA-TC74HC4514AP Datasheet
237Kb / 5P
4-TO-16 LINE DECODER/LATCH
logo
Hitachi Semiconductor
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
4-bit Latch/4-to-16-Line Decoder
HD74HC4514 HITACHI-HD74HC4514 Datasheet
52Kb / 8P
4-bit Latch/4-to-16-line Decoder
HD74HC4515 HITACHI-HD74HC4515 Datasheet
49Kb / 8P
4-bit Latch/4-to-16-line Decoder
logo
STMicroelectronics
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
289Kb / 12P
4 TO 16 LINE DECODER/LATCH
Apr-2003
M74HC4515 STMICROELECTRONICS-M74HC4515 Datasheet
188Kb / 10P
HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH (INV.)
Oct-1993
logo
Toshiba Semiconductor
TC74HC4514AP TOSHIBA-TC74HC4514AP_07 Datasheet
325Kb / 8P
4-to-16 Line Decoder/Latch
logo
ON Semiconductor
MC14514B ONSEMI-MC14514B_13 Datasheet
130Kb / 8P
4-Bit Transparent Latch / 4-to-16 Line Decoder
May, 2013 ??Rev. 9
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com