Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4514 Datasheet (PDF) - STMicroelectronics

M74HC4514 Datasheet PDF - STMicroelectronics
Part # M74HC4514
Download  M74HC4514 Download
File Size   188.93 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH INV.

M74HC4514 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC4514 Datasheet PDF - STMicroelectronics

Part # M74HC4514
Download  M74HC4514 Click to download

File Size   188.93 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH INV.

M74HC4514 Datasheet (HTML) - STMicroelectronics


M74HC4514 Product details

DESCRIPTION
The M74HC4514 is an high speed CMOS 4 LINE TO 16 LINE SEGMENT DECODER WITH LATCHED INPUTS fabricated with silicon gate C2MOS technology.

■ HIGH SPEED: tPD= 20 ns (TYP.) at VCC = 6V
■ LOW POWER DISSIPATION: ICC = 4µA(MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY: VNIH = VNIL = 28 % VCC (MIN.)
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 4mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ WIDE OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 6V
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 4514




Similar Part No. - M74HC4514

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
289Kb / 12P
4 TO 16 LINE DECODER/LATCH
Apr-2003
M74HC4514B1R STMICROELECTRONICS-M74HC4514B1R Datasheet
289Kb / 12P
4 TO 16 LINE DECODER/LATCH
Apr-2003
M74HC4514B1R STMICROELECTRONICS-M74HC4514B1R Datasheet
188Kb / 10P
HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH (INV.)
Oct-1993
M74HC4514M1R STMICROELECTRONICS-M74HC4514M1R Datasheet
289Kb / 12P
4 TO 16 LINE DECODER/LATCH
Apr-2003
M74HC4514M1R STMICROELECTRONICS-M74HC4514M1R Datasheet
188Kb / 10P
HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH (INV.)
Oct-1993
More results


Similar Description - M74HC4514

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4514B STMICROELECTRONICS-HCC4514B Datasheet
261Kb / 11P
4-BIT LATCH/4-TO-16 LINE DECODER
Jun-1989
logo
Toshiba Semiconductor
TC74HC4514AP TOSHIBA-TC74HC4514AP Datasheet
237Kb / 5P
4-TO-16 LINE DECODER/LATCH
logo
Fairchild Semiconductor
MM74HC4514 FAIRCHILD-MM74HC4514 Datasheet
73Kb / 7P
4-to-16 Line Decoder with Latch
logo
Hitachi Semiconductor
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
4-bit Latch/4-to-16-Line Decoder
HD74HC4514 HITACHI-HD74HC4514 Datasheet
52Kb / 8P
4-bit Latch/4-to-16-line Decoder
HD74HC4515 HITACHI-HD74HC4515 Datasheet
49Kb / 8P
4-bit Latch/4-to-16-line Decoder
logo
STMicroelectronics
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
289Kb / 12P
4 TO 16 LINE DECODER/LATCH
Apr-2003
M74HC4515 STMICROELECTRONICS-M74HC4515 Datasheet
188Kb / 10P
HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH (INV.)
Oct-1993
logo
Fairchild Semiconductor
MM74HC4514 FAIRCHILD-MM74HC4514_03 Datasheet
78Kb / 7P
4-to-16 Line Decoder with Latch
logo
Toshiba Semiconductor
TC74HC4514AP TOSHIBA-TC74HC4514AP_07 Datasheet
325Kb / 8P
4-to-16 Line Decoder/Latch
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com