Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7165 Datasheet (PDF) - OKI electronic componets

MSC7165 Datasheet PDF - OKI electronic componets
Part # MSC7165
Download  MSC7165 Download
File Size   83.49 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 16-Bit Grid Driver with 4 to 16-Decoder

MSC7165 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC7165 Datasheet PDF - OKI electronic componets

Part # MSC7165
Download  MSC7165 Click to download

File Size   83.49 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 16-Bit Grid Driver with 4 to 16-Decoder

MSC7165 Datasheet (HTML) - OKI electronic componets


MSC7165 Product details

GENERAL DESCRIPTION
The MSC7165 is a driver IC designed to directly drive the grids of a vacuum fluorescent display tube.
Since this IC has a built-in 4 to 16-line decoder and 16 output circuits, a single device of MSC7165 can replace a set of the following three: two devices of either MSL915 or MSL917 and one device of either MSM4514 or MSM74HC4514.
Setting the DUTY pin to the "L" level makes all driver outputs go "L". Blanking can be set using this function.

FEATURES
• Logic supply voltage : 5V
• Driver supply voltage : –60V
• Driver output current
    IOH : –40mA
    IOL : 1mA
• Can be connected directly to VFD without a pull-down resistor
• Built-in 4 to 16-line decoder
• Brightness can be adjusted by the DUTY pin
• Package:
    24-pin plastic SOP (SOP24-P-430-1.27-K) (Product name: MSC7165GS-K)




Similar Part No. - MSC7165

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC7166 OKI-MSC7166 Datasheet
84Kb / 8P
16-Bit Grid Driver with 4 to 16-Decoder
More results


Similar Description - MSC7165

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC7166 OKI-MSC7166 Datasheet
84Kb / 8P
16-Bit Grid Driver with 4 to 16-Decoder
logo
ON Semiconductor
MC14514B ONSEMI-MC14514B Datasheet
202Kb / 12P
4-Bit Transparent Latch/4-to-16 Line Decoder
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4514B STMICROELECTRONICS-HCC4514B Datasheet
261Kb / 11P
4-BIT LATCH/4-TO-16 LINE DECODER
Jun-1989
logo
Fairchild Semiconductor
MM74HC4514 FAIRCHILD-MM74HC4514 Datasheet
73Kb / 7P
4-to-16 Line Decoder with Latch
logo
Hitachi Semiconductor
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
4-bit Latch/4-to-16-Line Decoder
HD74HC4514 HITACHI-HD74HC4514 Datasheet
52Kb / 8P
4-bit Latch/4-to-16-line Decoder
HD74HC4515 HITACHI-HD74HC4515 Datasheet
49Kb / 8P
4-bit Latch/4-to-16-line Decoder
logo
Fairchild Semiconductor
MM74HC4514 FAIRCHILD-MM74HC4514_03 Datasheet
78Kb / 7P
4-to-16 Line Decoder with Latch
logo
Toshiba Semiconductor
TC74HC154AP TOSHIBA-TC74HC154AP Datasheet
318Kb / 7P
4-to-16 Line Decoder
logo
ON Semiconductor
MC14514B ONSEMI-MC14514B_13 Datasheet
130Kb / 8P
4-Bit Transparent Latch / 4-to-16 Line Decoder
May, 2013 ??Rev. 9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com