Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1162A Datasheet (PDF) - OKI electronic componets

MSC1162A Datasheet PDF - OKI electronic componets
Part # MSC1162A
Download  MSC1162A Download
File Size   110.41 Kbytes
Page   14 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver

MSC1162A Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC1162A Datasheet PDF - OKI electronic componets

Part # MSC1162A
Download  MSC1162A Click to download

File Size   110.41 Kbytes
Page   14 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver

MSC1162A Datasheet (HTML) - OKI electronic componets


MSC1162A Product details

GENERAL DESCRIPTION

The MSC1162A is a monolithic IC designed for directly driving the grid and anode of the vacuum fluorescent display tube. The device contains a 40-bit bidirectional shift register, a 40-bit latch circuit, and 40-output circuit on a single chip. Display data is serially stored in the shift register at the rising edge of a clock pulse.



FEATURES

• Logic Supply Voltage (VCC) : 5V

• Driver Supply Voltage (VHV): 65V

• Driver Output Current

   IOHVH1 (Only one driver output : "H") : –40mA

   IOHVH2 (All the driver outputs : "H") : –2mA

   IOHVL:1mA

• Directly connected to VFD tube without pull-down resistors

• Data Transfer Speed: 4MHz

• Package :

60-pin plastic SSOP (SSOP60-P-700-0.65-BK) (Product name : MSC1162AGS-BK)




Similar Part No. - MSC1162A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1163 OKI-MSC1163 Datasheet
109Kb / 13P
40-Bit Anode Driver
MSC1164 OKI-MSC1164 Datasheet
120Kb / 13P
20-Bit Grid/Anode Driver
More results


Similar Description - MSC1162A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9261 OKI-ML9261 Datasheet
160Kb / 17P
60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
logo
ON Semiconductor
CS1087 ONSEMI-CS1087 Datasheet
115Kb / 12P
Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 11
CS1089 ONSEMI-CS1089 Datasheet
97Kb / 12P
Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
OKI electronic componet...
ML9261A OKI-ML9261A Datasheet
134Kb / 16P
60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
logo
ON Semiconductor
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
List of Unclassifed Man...
ML9272 ETC2-ML9272 Datasheet
175Kb / 15P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
Vacuum fluorescent display tube controller driver
ML9272 ETC2-ML9272 Datasheet
175Kb / 15P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
FEDL9209-01 ETC2-FEDL9209-01 Datasheet
263Kb / 29P
Vacuum fluorescent display tube controller driver
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
Vacuum fluorescent display tube controller driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com