Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1163 Datasheet (PDF) - OKI electronic componets

MSC1163 Datasheet PDF - OKI electronic componets
Part # MSC1163
Download  MSC1163 Download
File Size   109.16 Kbytes
Page   13 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 40-Bit Anode Driver

MSC1163 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC1163 Datasheet PDF - OKI electronic componets

Part # MSC1163
Download  MSC1163 Click to download

File Size   109.16 Kbytes
Page   13 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 40-Bit Anode Driver

MSC1163 Datasheet (HTML) - OKI electronic componets


MSC1163 Product details

GENERAL DESCRIPTION

The MSC1163 is a monolithic IC using the Bi-CMOS process for hybridizing CMOS and bipolar transistors on the same chip. The logic portion such as the input stage, shift register and latch is fabricated by CMOS and the output driver requiring a high withstand voltage is fabricated by bipolar transistors.

Since the 60-pin plastic SSOP package is adopted and the pin configuration allows the circuit wiring to be formed on the single side PCB, the display unit size can be reduced. The shift register has a bidirectional configuration; therefore, it is easy to design the circuit wiring in which devices are arranged so that they are symmetric with respect to the display.



FEATURES

The MSC1163 is designed as a VFD anode driver with emitter-follower output providing 40-bit active pull-down and built-in 40-bit bidirectional shift register and latch.

• Logic Supply Voltage (VCC) : 5V

• Driver Supply Voltage (VHV) : 65V

• Driver Output Current

IOHVH : –2mA

IOHVL : 2mA

• Built-in 40-bit output with latch

• Built-in 40-bit bidirectional shift register

• Clock frequency: 4MHz

• Package:

60-pin plastic SSOP (SSOP60-P-700-0.65-BK) (Product name: MSC1163GS-BK)




Similar Part No. - MSC1163

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1162 OKI-MSC1162 Datasheet
110Kb / 14P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
MSC1162A OKI-MSC1162A Datasheet
110Kb / 14P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
MSC1164 OKI-MSC1164 Datasheet
120Kb / 13P
20-Bit Grid/Anode Driver
More results


Similar Description - MSC1163

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9261 OKI-ML9261 Datasheet
160Kb / 17P
60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
MSC1162A OKI-MSC1162A Datasheet
110Kb / 14P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
MSC1164 OKI-MSC1164 Datasheet
120Kb / 13P
20-Bit Grid/Anode Driver
MSC1212-01 OKI-MSC1212-01 Datasheet
99Kb / 11P
48-Bit Grid/Anode Driver
logo
Integral Corp.
IND16305 INTEGRAL-IND16305 Datasheet
342Kb / 7P
40-BIT AC-PDP DRIVER
logo
OKI electronic componet...
ML9261A OKI-ML9261A Datasheet
134Kb / 16P
60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
logo
List of Unclassifed Man...
ML9271 ETC2-ML9271 Datasheet
281Kb / 16P
48-Bit Grid/Anode VFD Driver
ML9272 ETC2-ML9272 Datasheet
175Kb / 15P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
ML9271 ETC2-ML9271 Datasheet
281Kb / 16P
48-Bit Grid/Anode VFD Driver
ML9272 ETC2-ML9272 Datasheet
175Kb / 15P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com