Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1164 Datasheet (PDF) - OKI electronic componets

MSC1164 Datasheet PDF - OKI electronic componets
Part # MSC1164
Download  MSC1164 Download
File Size   120.85 Kbytes
Page   13 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 20-Bit Grid/Anode Driver

MSC1164 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC1164 Datasheet PDF - OKI electronic componets

Part # MSC1164
Download  MSC1164 Click to download

File Size   120.85 Kbytes
Page   13 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 20-Bit Grid/Anode Driver

MSC1164 Datasheet (HTML) - OKI electronic componets


MSC1164 Product details

GENERAL DESCRIPTION
The MSC1164 is a monolithic IC using the Bi-CMOS process technology for hybridizing CMOS and bipolar transistors on the same chip. The logic portion such as the input stage, shift register and latch is fabricated by CMOS and the output driver requiring a high withstand voltage is fabricated by bipolar transistors.
Since a 32-pin plastic SSOP package is used, the display unit size can be reduced.

FEATURES
The MSC1164 is designed as a VFD grid/anode driver with emitter-follower force output with 20-bit active pull-down and built-in 20-bit shift register and latch.
• Logic Supply Voltage (VCC) : 5V
• Driver Supply Voltage (VHV) : 65V
• Driver Output Current
   IOHVH1 :–40mA (Only one driver output: "H")
   IOHVH2 :–2mA (All driver outputs: "H")
   IOHVL :2mA
• 20-bit output (with latch circuit)
• 20-bit shift register
• Clock frequency : 4MHz
• Package options:
   32-pin plastic SSOP (SSOP32-P-430-1.00-K) (Product name: MSC1164GS-K)
   30-pin plastic shrink DIP (SDIP30-P-400-1.78) (Product name: MSC1164SS)




Similar Part No. - MSC1164

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1162 OKI-MSC1162 Datasheet
110Kb / 14P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
MSC1162A OKI-MSC1162A Datasheet
110Kb / 14P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
MSC1163 OKI-MSC1163 Datasheet
109Kb / 13P
40-Bit Anode Driver
More results


Similar Description - MSC1164

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9261 OKI-ML9261 Datasheet
160Kb / 17P
60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
MSC1162A OKI-MSC1162A Datasheet
110Kb / 14P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
MSC1163 OKI-MSC1163 Datasheet
109Kb / 13P
40-Bit Anode Driver
MSC1212-01 OKI-MSC1212-01 Datasheet
99Kb / 11P
48-Bit Grid/Anode Driver
logo
Supertex, Inc
HV5812 SUTEX-HV5812 Datasheet
453Kb / 6P
20-Channel Serial-Input Vacuum-Fluorescent Display Driver for Anode/Grid
logo
OKI electronic componet...
ML9261A OKI-ML9261A Datasheet
134Kb / 16P
60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
logo
List of Unclassifed Man...
ML9271 ETC2-ML9271 Datasheet
281Kb / 16P
48-Bit Grid/Anode VFD Driver
ML9272 ETC2-ML9272 Datasheet
175Kb / 15P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
ML9271 ETC2-ML9271 Datasheet
281Kb / 16P
48-Bit Grid/Anode VFD Driver
ML9272 ETC2-ML9272 Datasheet
175Kb / 15P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com