Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1164 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSC1164
Description  20-Bit Grid/Anode Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1164 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSC1164 Datasheet HTML 4Page - OKI electronic componets MSC1164 Datasheet HTML 5Page - OKI electronic componets MSC1164 Datasheet HTML 6Page - OKI electronic componets MSC1164 Datasheet HTML 7Page - OKI electronic componets MSC1164 Datasheet HTML 8Page - OKI electronic componets MSC1164 Datasheet HTML 9Page - OKI electronic componets MSC1164 Datasheet HTML 10Page - OKI electronic componets MSC1164 Datasheet HTML 11Page - OKI electronic componets MSC1164 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
¡ Semiconductor
MSC1164
8/13
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
Condition
Max.
Unit
All input: Low
Logic Supply Current
ICC1
3.4
mA
Typ.
2.3
All input: High, All
driver output: High, Ta=25°C
ICC2
Min.
—
No load
VCC=5.5V
1.0
0.5
—
All driver output: Low
Driver Supply Current
IHV1
1
mA
—
All driver output:
High, Ta=25°C
IHV2
—
No load
VCC=5.5V
2.0
1.3
—
mA
VCC=4.5V
—
—
3.15
V
VCC=5.5V
—
—
3.85
V
High Level Input Voltage
VIH
VCC=4.5V
1.35
—
—
V
VCC=5.5V
1.65
—
—
V
Low Level Input Voltage
VIL
Ta=25°C
Input Leakage Current
IIN
±1
mA
—
—
Ta=25°C
Input Capacitance
CIN
—pF
15
—
VCC=4.5V
—
—
4.2
V
VCC=5.5V
—
—
5.2
V
High Level Data Output
Voltage
VODH1
VCC=4.5V
0.2
—
—
V
VCC=5.5V
0.2
—
—
V
Low Level Data Output
Voltage
VODL1
IO=–20mA
IO=20mA
VCC=4.5V
—
—
3.5
V
VCC=5.5V
—
—
4.5
V
High Level Data Output
Voltage
VODH2
VCC=4.5V
1.1
—
—
V
VCC=5.5V
1.1
—
—
V
Low Level Data Output
Voltage
VODL2
IO=–0.1mA
IO=0.1mA
High Level Driver Output
Voltage
IOHV=–40mA
VOHVH
—V
—
VHV–4
Low Level Driver Output
Voltage
IOHV=2mA
VOHVL
3.0
V
—
—
(VCC=5V±10%, VHV=10V to 65V, Ta=–40°C to +85°C)
—
—
AC Characteristics
Parameter
Symbol
Remarks
Max.
Unit
Typ.
Min.
See timing diagram and test circuit
CLK-DOUT Delay Time
tPD
150
ns
100
—
See timing diagram and test circuit
Delay Time Low to High
tDLH
1
ms
0.3
—
(VCC=5V, VHV=65V, Ta=25°C)
See timing diagram and test circuit
Transit Time Low to High
tTLH
5
ms
2
—
See timing diagram and test circuit
Delay Time High to Low
tDHL
1
ms
0.3
—
See timing diagram and test circuit
Transit Time High to Low
tTHL
5
ms
2
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com