Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1164 Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSC1164
Description  20-Bit Grid/Anode Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1164 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSC1164 Datasheet HTML 5Page - OKI electronic componets MSC1164 Datasheet HTML 6Page - OKI electronic componets MSC1164 Datasheet HTML 7Page - OKI electronic componets MSC1164 Datasheet HTML 8Page - OKI electronic componets MSC1164 Datasheet HTML 9Page - OKI electronic componets MSC1164 Datasheet HTML 10Page - OKI electronic componets MSC1164 Datasheet HTML 11Page - OKI electronic componets MSC1164 Datasheet HTML 12Page - OKI electronic componets MSC1164 Datasheet HTML 13Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
¡ Semiconductor
MSC1164
11/13
FUNCTIONAL DESCRIPTION
Function Table
CLK
R-1
DIN
H
L
H
L
R1n
R1n
R2n
R2n
R3n
R3n
R19n
R19n
R19n
R19n
CL
CHG
LS
X
H
L
L
X
X
H
H
L
H
H
L
X
X
H
L
R.X
HVO.X
L
H
H
H
LL
NC
X
H
DOUT
R-20
•••••••••••••••
R-4
R-3
R-2
L: Low Level, H: High Level, X: Don't Care, NC: Change
NOTES ON USE
1.
The MSC1164 is designed as a grid/anode driver of VFD.
The data applied to the data input pin is read into the shift register at the rising edge of the
clock and shifted sequencially to the shift register synchronizing with the clock.
The shift register output drives the output driver, passing through the latch and the NOR
circuit.
Setting the CL pin to "L" makes all driver outputs go into "L". This function can be used for
setting display blanking.
2.
The contents of the shift register are undefined after power is turned on.
Therefore, two or more driver outputs may go into "H" at the same time after power-on. (If
it happens, an overloading beyond the power dissipation limit may occur to cause a device
break-down.)
To avoid this, take the following procedure:
1) Turn on the power of the logic portion while holding the CL pin to "L".
2) Turn on the power of the driver portion.
3) Apply a "L" level signal to the DIN pin and send clock pulses by the specified number
of grids to reset ("L") the entire contents of the shift register.
4) Initialize the driver outputs to "L".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com