Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1164 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSC1164
Description  20-Bit Grid/Anode Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1164 Datasheet(HTML) 1 Page - OKI electronic componets

  MSC1164 Datasheet HTML 1Page - OKI electronic componets MSC1164 Datasheet HTML 2Page - OKI electronic componets MSC1164 Datasheet HTML 3Page - OKI electronic componets MSC1164 Datasheet HTML 4Page - OKI electronic componets MSC1164 Datasheet HTML 5Page - OKI electronic componets MSC1164 Datasheet HTML 6Page - OKI electronic componets MSC1164 Datasheet HTML 7Page - OKI electronic componets MSC1164 Datasheet HTML 8Page - OKI electronic componets MSC1164 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
¡ Semiconductor
MSC1164
1/13
¡ Semiconductor
MSC1164
20-Bit Grid/Anode Driver
GENERAL DESCRIPTION
The MSC1164 is a monolithic IC using the Bi-CMOS process technology for hybridizing CMOS
and bipolar transistors on the same chip. The logic portion such as the input stage, shift register
and latch is fabricated by CMOS and the output driver requiring a high withstand voltage is
fabricated by bipolar transistors.
Since a 32-pin plastic SSOP package is used, the display unit size can be reduced.
FEATURES
The MSC1164 is designed as a VFD grid/anode driver with emitter-follower force output with
20-bit active pull-down and built-in 20-bit shift register and latch.
• Logic Supply Voltage (VCC): 5V
• Driver Supply Voltage (VHV)
: 65V
• Driver Output Current
IOHVH1 :–40mA (Only one driver output: "H")
IOHVH2 :–2mA (All driver outputs: "H")
IOHVL :2mA
• 20-bit output (with latch circuit)
• 20-bit shift register
• Clock frequency
: 4MHz
• Package options:
32-pin plastic SSOP (SSOP32-P-430-1.00-K)
(Product name: MSC1164GS-K)
30-pin plastic shrink DIP (SDIP30-P-400-1.78) (Product name: MSC1164SS)
E2C0011-27-Y4
This version: Nov. 1997
Previous version: Jul. 1996


Similar Part No. - MSC1164

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1162 OKI-MSC1162 Datasheet
110Kb / 14P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
MSC1162A OKI-MSC1162A Datasheet
110Kb / 14P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
MSC1163 OKI-MSC1163 Datasheet
109Kb / 13P
40-Bit Anode Driver
More results

Similar Description - MSC1164

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9261 OKI-ML9261 Datasheet
160Kb / 17P
60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
MSC1162A OKI-MSC1162A Datasheet
110Kb / 14P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
MSC1163 OKI-MSC1163 Datasheet
109Kb / 13P
40-Bit Anode Driver
MSC1212-01 OKI-MSC1212-01 Datasheet
99Kb / 11P
48-Bit Grid/Anode Driver
logo
Supertex, Inc
HV5812 SUTEX-HV5812 Datasheet
453Kb / 6P
20-Channel Serial-Input Vacuum-Fluorescent Display Driver for Anode/Grid
logo
OKI electronic componet...
ML9261A OKI-ML9261A Datasheet
134Kb / 16P
60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
logo
List of Unclassifed Man...
ML9271 ETC2-ML9271 Datasheet
281Kb / 16P
48-Bit Grid/Anode VFD Driver
ML9272 ETC2-ML9272 Datasheet
175Kb / 15P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
ML9271 ETC2-ML9271 Datasheet
281Kb / 16P
48-Bit Grid/Anode VFD Driver
ML9272 ETC2-ML9272 Datasheet
175Kb / 15P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com