Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1164 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSC1164
Description  20-Bit Grid/Anode Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1164 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSC1164 Datasheet HTML 3Page - OKI electronic componets MSC1164 Datasheet HTML 4Page - OKI electronic componets MSC1164 Datasheet HTML 5Page - OKI electronic componets MSC1164 Datasheet HTML 6Page - OKI electronic componets MSC1164 Datasheet HTML 7Page - OKI electronic componets MSC1164 Datasheet HTML 8Page - OKI electronic componets MSC1164 Datasheet HTML 9Page - OKI electronic componets MSC1164 Datasheet HTML 10Page - OKI electronic componets MSC1164 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
¡ Semiconductor
MSC1164
7/13
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Max.
Unit
Applicable to logic supply voltage pin
Logic Supply Voltage
VCC
5.5
V
Min.
4.5
VCC=4.5V
—V
3.6
VCC=5.5V
—V
4.4
VCC=4.5V
0.9
V
—
Applicable to driver supply voltage pin
Driver Supply Voltage
VHV
65
V
10
VCC=5.5V
1.1
V
—
Applicable to all input pins
Applicable to all input pins
High Level Input Voltage
VIH
Low Level Input Voltage
VIL
High Level Driver Output
Current
Only one driver output is High
Other driver outputs are High
IOHVH1
–40
mA
—
High Level Driver Output
Current
All driver output pins are High
IOHVH2
–2
mA
—
See timing diagram
CLK Frequency
ff
4
MHz
—
See timing diagram
CLK Pulse Width
tWCLK
—ns
75
See timing diagram
Data in Setup Time
tDS
—ns
50
See timing diagram
Data in Hold Time
tDH
—ns
50
See timing diagram
LS Pulse Width
tWLS
—ns
80
See timing diagram
CLK-LS Delay Time
tDCL
—ns
50
See timing diagram
LS-CLK Delay Time
tDLC
—ns
0
See timing diagram
LS-CHG Delay Time
tDLCG
—
ms
0
See timing diagram
LS-CL Delay Time
tDLCL
—
ms
0
See timing diagram
CHG Pulse Width
tWCHG
—
ms
2
See timing diagram
CL Pulse Width
tWCL
—
ms
2
—
Operating Temperature
Top
85
°C
–40
Low Level Driver Output
Current
Applicable to all driver output pins
IOHVL
2mA
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com