Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1164 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSC1164
Description  20-Bit Grid/Anode Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1164 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSC1164 Datasheet HTML 2Page - OKI electronic componets MSC1164 Datasheet HTML 3Page - OKI electronic componets MSC1164 Datasheet HTML 4Page - OKI electronic componets MSC1164 Datasheet HTML 5Page - OKI electronic componets MSC1164 Datasheet HTML 6Page - OKI electronic componets MSC1164 Datasheet HTML 7Page - OKI electronic componets MSC1164 Datasheet HTML 8Page - OKI electronic componets MSC1164 Datasheet HTML 9Page - OKI electronic componets MSC1164 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
¡ Semiconductor
MSC1164
6/13
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Note
Applicable to logic supply
voltage pin
Logic Supply Voltage
VCC
–0.3 to +65
V
1
Applicable to driver supply
voltage pin
Driver Supply Voltage
VHV
VCC to 70
V
1, 2
Applicable to all input pins
Input Voltage
VIN
–0.3 to VCC +0.3
V
1
Applicable to data output pin
Data Output Voltage
VOD
–0.3 to VCC +0.3
V
1
Driver Driving Frequency
fDRV
0 to 15
kHz
—
Duty cycle 50% max
790
Power Dissipation
PD
mW
—
Ta £ 25°C
Thermal Resistance of
Rj-a
158
°C/W
3
—
Package
Storage Temperature
TSTG
–55 to +150
°C
—
—
Notes: 1) Maximum Supply Voltage with respect to GND
2) Stresses beyond "Absolute Maximum Rating" may cause permanent damage to the
device.
3) Thermal resistance of the package (between junction and atmosphere)
The junction temperature (Tj) expressed by the equation below must not exceed
150˚C.
Tj=P ¥ Rj–a+Ta (P: Maximum power consumption)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com