Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1208 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSC1208
Description  23-bit x 2 Duplex Controller/Driver with Digital Dimming and Keyscan Function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1208 Datasheet(HTML) 2 Page - OKI electronic componets

  MSC1208 Datasheet HTML 1Page - OKI electronic componets MSC1208 Datasheet HTML 2Page - OKI electronic componets MSC1208 Datasheet HTML 3Page - OKI electronic componets MSC1208 Datasheet HTML 4Page - OKI electronic componets MSC1208 Datasheet HTML 5Page - OKI electronic componets MSC1208 Datasheet HTML 6Page - OKI electronic componets MSC1208 Datasheet HTML 7Page - OKI electronic componets MSC1208 Datasheet HTML 8Page - OKI electronic componets MSC1208 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2/14
MSC1208
¡ Semiconductor
BLOCK DIAGRAM
GRID1
GRID2
VDD
GND
DATA ENABLE
DATAI/O
PWMOUT
5V
SEG1
SEG23
46
Æ23 Segment Control
Segment Driver
POR
Regulator
bit 46 to 24
(Grid2)
bit 23 to 1
(Grid1)
46 bit Latch
L
D
bit46
C
bit1
Display data
R
bit47
bit56
bit58, 57
Dimming data
58 bit Shift Register
bit56 to 1
Parity
Checker
Parity
Generator
SI
C
SS
S
PE
out
58-bit Shift Register (26-bit presetable+32-bit
¥"1")
SS
S
L
4
4
4-bit
Latch
L
4
4
4-bit
Latch
L
4
4
4-bit
Latch
L
4
4
4-bit
Latch
8
2
L 3-bit
Latch
3
3
OSC
Grid
Pre-driver
OSC
Detector w/debounce
Row 4 3 2 1
Col 7 6 5 4 3 2 1
With100k
W pull-up resistor
Timing Generator
PWM
10-bit Presetable
Down Counter
TEST
Vreg
to PWM OUT
Parity
Parity
Generator
56
56
2
bit56 to 47
L 3-bit
Latch
Col1 to 3
Rotary
Direction
Checker &
Up/down
Counter
Col4 to 7
Timing
Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com