Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1208 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSC1208
Description  23-bit x 2 Duplex Controller/Driver with Digital Dimming and Keyscan Function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1208 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSC1208 Datasheet HTML 6Page - OKI electronic componets MSC1208 Datasheet HTML 7Page - OKI electronic componets MSC1208 Datasheet HTML 8Page - OKI electronic componets MSC1208 Datasheet HTML 9Page - OKI electronic componets MSC1208 Datasheet HTML 10Page - OKI electronic componets MSC1208 Datasheet HTML 11Page - OKI electronic componets MSC1208 Datasheet HTML 12Page - OKI electronic componets MSC1208 Datasheet HTML 13Page - OKI electronic componets MSC1208 Datasheet HTML 14Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13/14
MSC1208
¡ Semiconductor
Example of Using a Single Rotary Switch
SEG1
SEG23
13
VDD
GRID1
GRID2
GND
DATA I/O
DATA ENABLE
OSC
MSC1208
1/2-duty VF display Tube
12 3
5
7
12V
ROW
COL
5V
12V
12V
TEST
42
4
6
RS1
* (Note)
Microcomputer
Note: When using a sigle rotary switch, connect the ROW that is not used (ROW1 or ROW2)
and one of COL1 to COL3 via a diode.
If no rotary switch is used, connect ROW1 and one of COL1 to COL3 via a diode, and
also connect ROW2 and one of COL1 to COL3 via a diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com